データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD4243 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD4243
部品情報  40V P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4243 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD4243_07 Datasheet HTML 1Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 2Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 3Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 4Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 5Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
November 2007
©2007 Fairchild Semiconductor Corporation
FDD4243 Rev.C1
www.fairchildsemi.com
1
FDD4243
40V P-Channel PowerTrench® MOSFET
-40V, -14A, 44m
Features
Max rDS(on) = 44mΩ at VGS = -10V, ID = -6.7A
Max rDS(on) = 64mΩ at VGS = -4.5V, ID = -5.5A
High performance trench technology for extremely low rDS(on)
RoHS Compliant
General Description
This P-Channel MOSFET has been produced using Fairchild
Semiconductor’s proprietary PowerTrench® technology to
deliver low rDS(on) and optimized Bvdss capability to offer
superior performance benefit in the applications.
Application
Inverter
Power Supplies
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC= 25°C
-14
A
-Continuous (Silicon limited)
TC= 25°C
(Note 1)
-24
-Continuous
TA= 25°C
(Note 1a)
-6.7
-Pulsed
-60
EAS
Single Pulse Avalanche Energy
(Note 3)
84
mJ
PD
Power Dissipation
TC= 25°C
42
W
Power Dissipation
(Note 1a)
3
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
3.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD4243
FDD4243
D-PAK(TO-252)
13’’
12mm
2500 units
G
S
D
TO -252
D-PAK
(TO -252)
S
G
D


同様の部品番号 - FDD4243_07

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results

同様の説明 - FDD4243_07

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
FDS4470 FAIRCHILD-FDS4470_06 Datasheet
151Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com