データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN324C データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN324C
部品情報  24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324C データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN324C Datasheet HTML 1Page - Fairchild Semiconductor FIN324C Datasheet HTML 2Page - Fairchild Semiconductor FIN324C Datasheet HTML 3Page - Fairchild Semiconductor FIN324C Datasheet HTML 4Page - Fairchild Semiconductor FIN324C Datasheet HTML 5Page - Fairchild Semiconductor FIN324C Datasheet HTML 6Page - Fairchild Semiconductor FIN324C Datasheet HTML 7Page - Fairchild Semiconductor FIN324C Datasheet HTML 8Page - Fairchild Semiconductor FIN324C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2008
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.1.2
Click to see this datasheet
in Simplified Chinese!
FIN324C
24-Bit Ultra-Low Power Serializer / Deserializer
Supporting Single and Dual Displays
Features
Ultra-Low Operating Power: ~4mA at 5.44MHz
Supports Dual-Display Implementations with RGB
or Microcontroller Interface
No External Timing Reference Needed
SPI Mode Support
Single Device Operates as a Serializer or
Deserializer
Direct Support for Motorola
®-Style R/W
Microcontroller Interface
Direct Support for Intel
®-Style /WE, /RE
Microcontroller Interface
15MHz Maximum Strobe Frequency
Utilizes Fairchild’s Proprietary CTL Serial I/O
Technology
Available in BGA and MLP packages
Wide Parallel Supply Voltage Range: 1.60 to 3.0V
Low Power Core Operation: VDDS/A=2.5 to 3.0V
Voltage Translation Capability Across Pair with No
External Components
High ESD Protection: >15kV IEC 61000
Power-Saving Burst-Mode Operation
Applications
Single or Dual 16/18-Bit RGB Cell Phone Displays
Single or Dual 16/18-Bit Cell Phone Displays with
Microcontroller Interface
Single or Dual Mobile Display at QVGA or HVGA
Resolution
Description
The FIN324C is a 24-bit serializer / deserializer with
dual strobe inputs. The device can be configured as a
master or slave device through the master/slave select
pin (M/S). This allows for the same device to be used as
either a serializer or deserializer, minimizing component
types in the system. The dual strobe inputs allow
implementation of dual-display systems with a single
pair of µSerDes. The FIN324C can accommodate RGB,
microcontroller, or SPI mode interfaces. Read and write
transactions are supported when operating with a
microcontroller interface for one or both displays. Unlike
other SerDes solutions, no external timing reference is
required for operation.
The FIN324C is designed for ultra-low power operation.
Reset (/RES) and standby (/STBY) signals put the
device in an ultra-low power state. In standby mode, the
outputs of the slave device maintain state, allowing the
system to resume operation from the last-known state.
The device utilizes Fairchild’s proprietary ultra-low power,
low-EMI Current Transfer Logic™ (CTL) technology. The
serial interface disables between transactions to minimize
EMI at the serial interface and to conserve power. CMOS
parallel output buffers have been implemented with slew
rate control to adjust for capacitive loading and to
minimize EMI.
Related Application Notes
For additional Information, please visit:
http://www.fairchildsemi.com/userdes
AN-5058 µSerDes™ Frequently Asked Questions
AN-5061 µSerDes™ Layout Guidelines
AN-6047 FIN324C Reset and Standby


同様の部品番号 - FIN324C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
288Kb / 4P
   FIN324C Reset and Standby
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
More results

同様の説明 - FIN324C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com