データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ2554P データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDZ2554P
部品情報  Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2554P データシート(HTML) 1 Page - Fairchild Semiconductor

  FDZ2554P_07 Datasheet HTML 1Page - Fairchild Semiconductor FDZ2554P_07 Datasheet HTML 2Page - Fairchild Semiconductor FDZ2554P_07 Datasheet HTML 3Page - Fairchild Semiconductor FDZ2554P_07 Datasheet HTML 4Page - Fairchild Semiconductor FDZ2554P_07 Datasheet HTML 5Page - Fairchild Semiconductor FDZ2554P_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
June 2007
©2007 Fairchild Semiconductor Corporation
FDZ2554P Rev B
www.fairchildsemi.com
1
FDZ2554P
Monolithic Common Drain P-Channel 2.5V Specified Power Trench® BGA MOSFET
-20V, -6.5A, 28m
Features
Max rDS(on) = 28mΩ at VGS = -4.5V, ID = -6.5A
Max rDS(on) = 45mΩ at VGS = -2.5V, ID = -5A
Occupies only 0.10 cm2 of PCB area: 1/3 the area of SO-8
Ultra-thin package: less than 0.80 mm height when mounted
to PCB
Outstanding thermal transfer characteristics: significantly bet-
ter than SO-8
Ultra-low Qg x rDS(on) figure-of-merit
High power and current handling capability
RoHS Compliant
General Description
Combining Fairchild’s advanced 2.5V specified PowerTrench
process with state-of-the-art BGA packaging, the FDZ2554P
minimizes both PCB space and rDS(on). This monolithic common
drain BGA MOSFET embodies a breakthrough in packaging
technology which enables the device to combine excellent
thermal transfer characteristics, high current handling capability,
ultra-low profile packaging, low gate charge, and low rDS(on).
Applications
Battery management
Load Switch
Battery protection
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-20
V
VGS
Gate to Source Voltage
±12
V
ID
Drain Current -Continuous
(Note 1a)
-6.5
A
-Pulsed
-20
PD
Power Dissipation (Steady State)
(Note 1a)
2.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
0.6
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
60
RθJA
Thermal Resistance, Junction to Ambient
(Note 1b)
108
RθJB
Thermal Resistance, Junction to Ball
(Note 1)
6.3
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
2554P
FDZ2554P
BGA 2.5X4.0
7’’
12 mm
3000 units
S
S
G
G
D
Q1
Q2
Bottom
Top


同様の部品番号 - FDZ2554P_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

同様の説明 - FDZ2554P_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com