データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQA11N90 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQA11N90
部品情報  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90 データシート(HTML) 3 Page - Fairchild Semiconductor

  FQA11N90 Datasheet HTML 1Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 2Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 3Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 4Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 5Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 7Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 8Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FQA11N90 / FQA11N90_F109 Rev. A2
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
24
6
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
8
16
24
32
40
0.4
0.8
1.2
1.6
2.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0
10
2030
405060
7080
0
2
4
6
8
10
12
V
DS = 450V
V
DS = 180V
V
DS = 720V
Note : I
D = 11.4 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


同様の部品番号 - FQA11N90

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
679Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
816Kb / 9P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA11N90 ISC-FQA11N90 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA11N90-F109 FAIRCHILD-FQA11N90-F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQA11N90C FAIRCHILD-FQA11N90C Datasheet
707Kb / 8P
   900V N-Channel MOSFET
More results

同様の説明 - FQA11N90

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com