データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13191 データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC13191
部品情報  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13191_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MC13191 Technical Data, Rev. 1.6
4
Freescale Semiconductor
Figure 2 shows the basic system block diagram for the MC13191 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
4
Data Transfer Mode
The MC13191 has a data transfer mode called Packet Mode where data is buffered in on-chip Packet
RAMs. There is a TX Packet RAM and an RX Packet RAM, each of which are 64 locations by 16 bits
wide.
4.1
Packet Structure
Figure 3 shows the packet structure of the MC13191 which is consistent with the 802.15.4 Standard.
Payloads of up to 125 bytes are supported. The MC13191 adds a four-byte preamble, a one-byte Start of
Frame Delimiter (SFD), and a one-byte Frame Length Indicator (FLI) before the data. A two-byte Frame
Check Sequence (FCS) is calculated and appended to the end of the data.
Figure 3. MC13191 Packet Structure
Analog Receiver
MC13191
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver
Preamble
SFD
FLI
Payload Data
FCS
4 bytes
1 byte
1 byte
125 bytes maximum
2 bytes


同様の部品番号 - MC13191_08

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

同様の説明 - MC13191_08

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24