データシートサーチシステム |
|
MC33982BPNA データシート(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC33982BPNA データシート(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 35 page Analog Integrated Circuit Device Data 4 Freescale Semiconductor 33982 PIN CONNECTIONS 11 SO Output Serial Output This output pin is connected to the SPI Serial Data Input pin of the MCU or to the SI pin of the next device in a daisy chain of devices. 12 NC NC No Connect This pin may not be connected. 13 GND Ground Ground This pin is the ground for the logic and analog circuitry of the device. 14 VPWR Input Positive Power Supply This pin connects to the positive power supply and is the source input of operational power for the device. 15, 16 HS Output High-Side Output Protected high side power output to the load. Output pins must be connected in parallel for operation. Table 1. Pin Definitions (continued) Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 15. Pin Number Pin Name Pin Function Formal Name Definition |
同様の部品番号 - MC33982BPNA |
|
同様の説明 - MC33982BPNA |