データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ34702EW データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MCZ34702EW
部品情報  3.0A Switch-Mode Power Supply with Linear Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ34702EW データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ34702EW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ34702EW Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUCK CONVERTER (CONTINUED)
High Side Power MOSFET Q1 RDS(ON)(9),(10)
ID = 500mA, TA = 25°C, VBST = 8.0V
RDS(ON)
–60
m
Low Side Power MOSFET Q2 RDS(ON)(9),(10)
ID = 500mA, TA = 25°C, VBST = 8.0V
RDS(ON)
–65
m
Buck Converter Peak Current Limit (High Level)
ILIMH
-7.0
-4.7
-4.0
A
VOUT Pull-down MOSFET Q3 Current Limit
TA = 25°C, VBST = 8.0V
IM3_LIM
0.75
2.0
A
VOUT Pull-down MOSFET Q3 RDS(ON)
(10)
ID = 1.0A, VBST = 8.0V
RDS(ON)
––
1.9
Thermal Shutdown (VOUT Pull-down MOSFET Q3)(9)
TSD
150
170
190
°C
Thermal Shutdown Hysteresis (9)
TSDHYS
–10
°C
Notes
9.
Design information only. This parameter is not production tested.
10.
ID refers to the MOSFET drain current
Table 3.
Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C TA 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3V using
the typical application circuit (see Figure 33), unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MCZ34702EW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ34701EWR2 FREESCALE-MCZ34701EWR2 Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
More results

同様の説明 - MCZ34702EW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com