データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL2530M データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HCPL2530M
部品情報  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530M データシート(HTML) 2 Page - Fairchild Semiconductor

  HCPL2530M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
2
PRELIMINARY
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
Symbol
Parameter
Condition
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
(Wave)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input
Current Each Channel(1)
25
mA
IF (pk)
Peak Forward Input Current
Each Channel(2)
50% duty cycle, 1ms P.W.
50
mA
IF (trans) Peak Transient Input Current
Each Channel
≤1µs P.W., 300pps
1.0
A
VR
Reverse Input Voltage Each
Channel
5V
PD
Input Power Dissipation Each
Channel
6N135M, 6N136M, HCPL2503M,
HCPL4502M, HCPL4503M
100
mW
HCPL2530M, HCPL2531M(3)
45
DETECTOR
IO (avg)
Average Output Current Each
Channel
8
mA
IO (pk)
Peak Output Current Each
Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
6N135M, 6N136M and HCPL2503M only
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current
6N135M, 6N136M and HCPL2503M only
5
mA
PD
Output Power Dissipation
Each Channel
6N135M, 6N136M, HCPL2503M,
HCPL4502M, HCPL4503M(4)
100
mW
HCPL2530M, HCPL2531M
35
mW


同様の部品番号 - HCPL2530M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
ON Semiconductor
HCPL2530M ONSEMI-HCPL2530M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results

同様の説明 - HCPL2530M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com