データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS8H100D データシート(PDF) 1 Page - STMicroelectronics

部品番号 STPS8H100D
部品情報  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100D データシート(HTML) 1 Page - STMicroelectronics

  STPS8H100D Datasheet HTML 1Page - STMicroelectronics STPS8H100D Datasheet HTML 2Page - STMicroelectronics STPS8H100D Datasheet HTML 3Page - STMicroelectronics STPS8H100D Datasheet HTML 4Page - STMicroelectronics STPS8H100D Datasheet HTML 5Page - STMicroelectronics STPS8H100D Datasheet HTML 6Page - STMicroelectronics STPS8H100D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STPS8H100D/F/G/G-1
®
August 1999 - Ed: 4A
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Schottky barrier rectifier designe d for high fre-
quency compact Switched Mode Power Sup-
plies such as adaptators and on board DC/DC
converters.
DESCRIPTION
TO-220AC
STPS8H100D
K
A
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC /
I
2PAK / D2PAK
Tc= 165
°C8
A
ISOWATT220AC
Tc = 150
°C
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3
A
Eas
Non repetitive avalanche energy
Tj =25
°CL = 60 mH
Ias =2 A
24
mJ
Iar
Repetitive avalanche current
Va = 1.5 x VR typ
Current decaying linearly
to 0 in 1
µs
Frequency limited by Tj max.
2A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
dV/dt
Critical rate of rise of rise voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
I2PAK
STPS8H100G-1
D2PAK
STPS8H100G
ISOWATT220AC
STPS8H100F
K
A
NC
K
A
K
A
NC
IF(AV)
8A
VRRM
100 V
Tj (max)
175
°C
VF (max)
0.58 V
MAIN PRODUCT CHARACTERISTICS
NEGLIGIBLESWITCHING LOSSES
HIGH JUNCTION TEMPERATURE CAPABILITY
LOW LEAKAGE CURRENT
GOOD TRADE OFF BETWEEN LEAKAGE
CURRENT AND FORWARD VOLTAGE DROP
AVALANCHE RATED
FEATURES AND BENEFITS
1/7


同様の部品番号 - STPS8H100D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
131Kb / 9P
   High voltage power Schottky rectifier
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
   High voltage power Schottky rectifier
STPS8H100D STMICROELECTRONICS-STPS8H100D_02 Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

同様の説明 - STPS8H100D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com