データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M03623FC データシート(PDF) 11 Page - Renesas Technology Corp

部品番号 M03623FC
部品情報  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M03623FC データシート(HTML) 11 Page - Renesas Technology Corp

Back Button M03623FC Datasheet HTML 7Page - Renesas Technology Corp M03623FC Datasheet HTML 8Page - Renesas Technology Corp M03623FC Datasheet HTML 9Page - Renesas Technology Corp M03623FC Datasheet HTML 10Page - Renesas Technology Corp M03623FC Datasheet HTML 11Page - Renesas Technology Corp M03623FC Datasheet HTML 12Page - Renesas Technology Corp M03623FC Datasheet HTML 13Page - Renesas Technology Corp M03623FC Datasheet HTML 14Page - Renesas Technology Corp M03623FC Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Electrical characteristics (Vcc = 3V)
Mitsubishi microcomputers
M16C / 62M (80-pin version) Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
10
µs
tSAMP
Sampling time
0.3
Min.
Typ.
Max.
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
mA
IVREF
1.0
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(
Note)
Standard
Note 1: Connect AV CC pin to VCC pin and apply the same electric potential.
Note 2: Specify a product of -40
°C to 85°C to use it.
Page program time
Block erase time
Erase all unlocked blocks time
Lock bit program time
6
50
50 X n (Note)
6
120
600
600 X n (Note)
120
ms
ms
ms
ms
Parameter
Standard
Min.
Typ.
Max
Unit
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to
“0016”.
The A-D converter's ladder resistance is not included.
Also, when DA register contents are not “00”, the current I VREF always flows even though Vref may have
been set to be unconnected by the A-D control register.
Note 2: Specify a product of -40
°C to 85°C to use it.
Note : n denotes the number of block erases.
RLADDER
Ladder resistance
µs
9.8
10
VCC
40
Conversion time(8bit), sample & hold
function not available
tCONV
VREF = VCC
Standard
Min.
Typ.
Max
Resolution
Absolute accuracy, sample & hold function not available (8 bit)
Bits
LSB
VREF = VCC
±2
10
Parameter
Measuring condition
Unit
VREF = VCC = 3V,
φAD = f(XIN)/2
k
Reference voltage
V
VREF
2.4
VCC
Analog input voltage
VIA
V
0VREF
Symbol
VREF = VCC = 3V,
φAD =
f(XIN) =fAD/2 = 5MHz
VCC = 3V
Table 1.20.3. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 2.4V to 3.6V, VSS =
AVSS = 0V at Ta = – 20oC to 85oC / – 40oC to 85oC(Note2), f(XIN) = 10MHz unless otherwise
specified)
Table 1.20.4. D-A conversion characteristics (referenced to VCC = 2.4V to 3.6V, VSS = AVSS = 0V,
VREF = 3V, at Ta = – 20oC to 85oC / – 40oC to 85oC(Note2), f(XIN) = 10MHz unless
otherwise specified)
Table 1.20.5. Flash memory version electrical characteristics
(referenced to VCC = 2.7V to 3.6V, at Ta =0oC to 60oC unless otherwise specified)
Table 1.20.6. Flash memory version program voltage and read operation voltage characteristics
(Ta =0oC to 60oC)
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V


同様の部品番号 - M03623FC

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
M030G NUVOTON-M030G Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC1AE NUVOTON-M030GC1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC2AE NUVOTON-M030GC2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD1AE NUVOTON-M030GD1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD2AE NUVOTON-M030GD2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
More results

同様の説明 - M03623FC

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com