データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N1185A データシート(PDF) 6 Page - Vishay Siliconix

部品番号 1N1185A
部品情報  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1185A データシート(HTML) 6 Page - Vishay Siliconix

  1N1185A Datasheet HTML 1Page - Vishay Siliconix 1N1185A Datasheet HTML 2Page - Vishay Siliconix 1N1185A Datasheet HTML 3Page - Vishay Siliconix 1N1185A Datasheet HTML 4Page - Vishay Siliconix 1N1185A Datasheet HTML 5Page - Vishay Siliconix 1N1185A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


同様の部品番号 - 1N1185A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N1185A MICROSEMI-1N1185A Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1185A IRF-1N1185A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N1185A MICROSEMI-1N1185A Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1185A VISHAY-1N1185A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
1N1185A NJSEMI-1N1185A Datasheet
147Kb / 1P
   STUD MOUNTED POWER RECTIFIERS
More results

同様の説明 - 1N1185A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com