データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N1189 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 1N1189
部品情報  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1189 データシート(HTML) 2 Page - Vishay Siliconix

  1N1189 Datasheet HTML 1Page - Vishay Siliconix 1N1189 Datasheet HTML 2Page - Vishay Siliconix 1N1189 Datasheet HTML 3Page - Vishay Siliconix 1N1189 Datasheet HTML 4Page - Vishay Siliconix 1N1189 Datasheet HTML 5Page - Vishay Siliconix 1N1189 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93492
2
Revision: 24-Jun-08
1N1183, 1N3765, 1N1183A, 1N2128A Series
Vishay High Power Products Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Notes
(1) JEDEC registered values
(2) I2t for time tx = I2√t x √tx
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
1N1183
1N3765 1N1183A 1N2128A
UNITS
Maximum average forward current
at case temperature
IF(AV)
1-phase operation,
180° sinusoidal conduction
35 (1)
35 (1)
40 (1)
60 (1)
A
140 (1)
140 (1)
150 (1)
140 (1)
°C
Maximum peak one cycle
non-repetitive surge current
IFSM
Half cycle 50 Hz
sine wave or 6 ms
rectangular pulse
Following any
rated load
condition and
with rated
VRRM applied
480
380
765
860
A
Half cycle 60 Hz
sine wave or 5 ms
rectangular pulse
500 (1)
400 (1)
800 (1)
900 (1)
Half cycle 50 Hz
sine wave or 6 ms
rectangular pulse
Following any
rated load
condition and
with ½ VRRM
applied following
surge = 0
570
455
910
1000
Half cycle 60 Hz
sine wave or 5 ms
rectangular pulse
595
475
950
1050
Maximum I2t for fusing
I2t
t = 10 ms
With rated VRRM
applied following
surge, initial
TJ = TJ maximum
1140
730
2900
3700
A2s
t = 8.3 ms
1040
670
2650
3400
Maximum I2t for individual
device fusing
t = 10 ms
With VRRM = 0
following surge,
initial TJ =
TJ maximum
1610
1030
4150
5250
t = 8.3 ms
1470
940
3750
4750
Maximum I2
√t for individual
device fusing
I2
√t (2)
t = 0.1 to 10 ms,
VRRM = 0 following surge
16 100
10 300
41 500
52 500
A2
√s
Maximum peak forward voltage
at maximum forward current (IFM)
VFM
TJ = 25 °C
1.7 (1)
1.8 (1)
1.3 (1)
1.3 (1)
V
110
110
126
188
A
Maximum average
reverse current
VRRM = 700
IR(AV)
Maximum rated IF(AV) and TC
-5.0 (1)
--
mA
VRRM = 800
-
4.0 (1)
--
VRRM = 900
-
3.0 (1)
--
VRRM = 1000
-
2.0 (1)
--
Maximum rated IF(AV), VRRM and TC
10 (1)
-2.5 (1)
10 (1)


同様の部品番号 - 1N1189

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N1189 MICROSEMI-1N1189 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1189 IRF-1N1189 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N1189 MICROSEMI-1N1189 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1189 VISHAY-1N1189 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
1N1189 NJSEMI-1N1189 Datasheet
298Kb / 2P
   Silicon Power Rectifier
More results

同様の説明 - 1N1189

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com