データシートサーチシステム |
|
TS3A24157 データシート(PDF) 8 Page - Texas Instruments |
|
|
TS3A24157 データシート(HTML) 8 Page - Texas Instruments |
8 / 24 page www.ti.com Electrical Characteristics for 1.8-V Supply (1) (Continued) TS3A24157 0.65- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007 V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 1.8 V 33 75 VCOM = V+, CL = 35 pF, Turn-on time tON ns 1.65 V to RL = 50 Ω, See Figure 14 Full 80 1.95 V 25 °C 1.8 V 24 35 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 1.65 V to RL = 50 Ω, See Figure 14 Full 40 1.95 V 25 °C 1.8 V 2 20 40 Break-before- VNC = VNO = V+, CL = 35 pF, tBBM ns 1.65 V to make time RL = 50 Ω, See Figure 15 Full 1 50 1.95 V VGEN = 0, CL = 1 nF, Charge injection QC 25 °C 1.8 V 4 pC RGEN = 0, See Figure 19 NC, NO CNC(OFF), VNC or VNO = V+ or GND, See Figure 13 25 °C 1.8 V 50 pF OFF capacitance CNO(OFF) Switch OFF, NC, NO CNC(ON), VNC or VNO = V+ or GND, See Figure 13 25 °C 1.8 V 140 pF ON capacitance CNO(ON) Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 13 25 °C 1.8 V 140 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND, See Figure 13 25 °C 1.8 V 2 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 16 25 °C 1.8 V 48 MHz Switch ON, RL = 50 Ω, OFF isolation OISO See Figure 17 25 °C 1.8 V –73 dB f = 1 MHz, RL = 50 Ω, Crosstalk XTALK See Figure 18 25 °C 1.8 V –72 dB f = 1 MHz, Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25 °C 1.8 V % distortion CL = 50 pF, See Figure 20 Supply 25 °C 10 100 Positive supply I+ VI = V+ or GND 1.95 V nA current Full 600 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum 8 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TS3A24157 |
同様の部品番号 - TS3A24157 |
|
同様の説明 - TS3A24157 |