データシートサーチシステム |
|
TS5A22362 データシート(PDF) 1 Page - Texas Instruments |
|
TS5A22362 データシート(HTML) 1 Page - Texas Instruments |
1 / 28 page 1 FEATURES 1 2 3 4 5 10 9 8 7 6 NO2 COM2 NC2 IN2 V+ NO1 COM1 NC1 IN1 GND Exposed Center Pad APPLICATIONS 1 2 3 4 5 10 9 8 7 6 NO2 COM2 NC2 IN2 V + NO1 COM1 NC1 IN1 GND YZP PACKAGE Laser Marking View Bump View B C D 3 2 1 A B C D 1 2 3 A DESCRIPTION/ORDERING INFORMATION TS5A22362 ,, TS5A22364 www.ti.com.................................................................................................................................................... SCDS261B – MARCH 2008 – REVISED AUGUST 2008 0.65- Ω DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY DRC PACKAGE • Specified Break-Before-Make Switching (TOP VIEW) • Negative Signaling Capability: Maximum Swing From –2.75 V to 2.75 V (V+ = 2.75 V) • Internal Shunt Switch Prevents Audible Click-and-Pop When Switching Between Two Sources (TS5A22364) • Low ON-State Resistance (0.65 Ω Typical) • Low Charge Injection • Excellent ON-State Resistance Matching • 2.3-V to 5.5-V Power Supply (V +) The exposed center pad, if used, must be • Latch-Up Performance Exceeds 100 mA Per connected as a secondary GND or left JESD 78, Class II electrically open. • ESD Performance Tested Per JESD 22 DGS PACKAGE – 2500-V Human-Body Model (TOP VIEW) (A114-B, Class II) – 1500-V Charged-Device Model (C101) – 200-V Machine Model (A115-A) • Cell Phones • PDAs • Portable Instrumentation • Audio Routing YZP PACKAGE TERMINAL ASSIGNMENTS D IN1 GND IN2 C NC1 NC2 B COM1 COM2 A NO1 V+ NO2 3 2 1 The TS5A22362 and TS5A22364 are single-pole double-throw (SPDT) analog switches designed to operate from 2.3 V to 5.5 V. The devices feature negative signal capability that allows signals below ground to pass through the switch without distortion. Additionally, the TS5A22364 includes an internal shunt switch, which automatically discharges any capacitance at the NC or NO terminals when they are unconnected to COM. This reduces the audible click/pop noise when switching between two sources. The break-before-make feature prevents signal distortion during the transferring of a signal from one path to another. Low ON-state resistance, excellent channel-to-channel ON-state resistance matching, and minimal total harmonic distortion (THD) performance are ideal for audio applications. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - TS5A22362_1 |
|
同様の説明 - TS5A22362_1 |