データシートサーチシステム |
|
TS5A22364 データシート(PDF) 10 Page - Texas Instruments |
|
|
TS5A22364 データシート(HTML) 10 Page - Texas Instruments |
10 / 28 page TS5A22362 ,, TS5A22364 SCDS261B – MARCH 2008 – REVISED AUGUST 2008.................................................................................................................................................... www.ti.com ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (continued) V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 5 V 27 80 VCOM = V+, CL = 35 pF, Turn-on time tON ns 4.5 V to RL = 300 Ω, See Figure 20 Full 80 5.5 V 25°C 5 V 13 70 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 4.5 V to RL = 300 Ω, See Figure 20 Full 70 5.5 V Break-before- VNC = VNO = V+/2 CL = 35 pF, tBBM 25°C 5 V 1 3.5 ns make time RL = 300 Ω, See Figure 21 VGEN = 0, CL = 1 nF, Charge injection QC 25°C 5 V 10 pC RGEN = 0, See Figure 26 NC, NO OFF capacitance CNC(OFF), VNC or VNO = V+ or See Figure 19 25°C 5 V 70 pF (TS5A22362 CNO(OFF) V+ – 5.5 V, only) NC, NO, COM CCOM(ON) VCOM = V+ or GND, See Figure 19 25°C 5 V 370 pF ON capacitance Digital input CI VI = V+ or GND See Figure 19 25°C 5 V 2.6 pF capacitance Bandwidth BW RL = 50 Ω, See Figure 21 25°C 5 V 18.3 MHz f = 100 kHz, OFF isolation OISO RL = 50 Ω, 25°C 5 V –70 dB See Figure 24 f = 100 kHz, Crosstalk XTALK RL = 50 Ω, 25°C 5 V –78 dB See Figure 25 f = 20 Hz to 20 Total harmonic RL = 600 Ω, THD kHz, 25°C 5 V 0.009 % distortion CL = 15 pF, See Figure 27 Supply 25°C 0.2 1.3 VI = V+ or GND Positive I+ Full 5.5 V 3.5 µA supply current VI = V+ – 5.5 V Full 5 10 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS5A22362 TS5A22364 |
同様の部品番号 - TS5A22364 |
|
同様の説明 - TS5A22364 |