データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74V235-15PAG データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74V235-15PAG
部品情報  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74V235-15PAG データシート(HTML) 5 Page - Texas Instruments

  SN74V235-15PAG Datasheet HTML 1Page - Texas Instruments SN74V235-15PAG Datasheet HTML 2Page - Texas Instruments SN74V235-15PAG Datasheet HTML 3Page - Texas Instruments SN74V235-15PAG Datasheet HTML 4Page - Texas Instruments SN74V235-15PAG Datasheet HTML 5Page - Texas Instruments SN74V235-15PAG Datasheet HTML 6Page - Texas Instruments SN74V235-15PAG Datasheet HTML 7Page - Texas Instruments SN74V235-15PAG Datasheet HTML 8Page - Texas Instruments SN74V235-15PAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
WEN
20
I
Write enable. When WEN is low, data is written into the FIFO on every low-to-high transition of WCLK.
When WEN is high, the FIFO holds the previous data. Data is not written into the FIFO if FF is low.
WXI
21
I
Width expansion. In the single-device or width-expansion configuration, WXI, together with FL and RXI,
determines if the mode is standard mode or FWFT mode, as well as whether the PAE/PAF flags are
synchronous or asynchronous (see Table 4). In the daisy-chain depth-expansion configuration, WXI is
connected to WXO (write expansion out) of the previous device.
WXO/HF
26
O
Half-full flag. In the single-device or width-expansion configuration, the device is more than half full when
HF is low. In the depth-expansion configuration, a pulse is sent from WXO to WXI of the next device when
the last location in the FIFO is written.
detailed description
INPUTS:
DATA IN (D0–D17)
Data inputs for 18-bit-wide data.
CONTROLS:
RESET (RS)
Reset is accomplished when RS is taken low. During reset, both internal read and write pointers are set to the
first location. A reset is required after power up before a write operation can take place. The half-full flag (HF)
and programmable almost-full flag (PAF) is reset to high after tRSF. The programmable almost-empty flag (PAE)
is reset to low after tRSF. The full flag (FF) resets to high. The empty flag (EF) resets to low in standard mode,
but resets to high in FWFT mode. During reset, the output register is initialized to all zeros, and the offset
registers are initialized to their default values.
WRITE CLOCK (WCLK)
A write cycle is initiated on the low-to-high transition of WCLK. Data setup and hold times must be met with
respect to the low-to-high transition of WCLK.
The write and read clocks can be asynchronous or coincident.
WRITE ENABLE (WEN)
When WEN is low, data can be loaded into the FIFO RAM array on the rising edge of every WCLK cycle if the
device is not full. Data is stored in the RAM array sequentially and independently of any ongoing read operation.
When WEN is high, no new data is written in the RAM array on each WCLK cycle.
To prevent data overflow in the standard mode, FF goes low, inhibiting further write operations. Upon completion
of a valid read cycle, FF goes high, allowing a write to occur. The FF flag is updated on the rising edge of WCLK.
To prevent data overflow in the FWFT mode, IR goes high, inhibiting further write operations. Upon completion
of a valid read cycle, IR goes low, allowing a write to occur. The IR flag is updated on the rising edge of WCLK.
WEN is ignored when the FIFO is full in either FWFT or standard mode.
READ CLOCK (RCLK)
Data can be read on the outputs on the low-to-high transition of RCLK when OE is low.
The write and read clocks can be asynchronous or coincident.


同様の部品番号 - SN74V235-15PAG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V235-15PAG TI-SN74V235-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74V235-15PAG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com