データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1029X データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI1029X
部品情報  Complementary N- and P-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1029X データシート(HTML) 2 Page - Vishay Siliconix

  SI1029X_08 Datasheet HTML 1Page - Vishay Siliconix SI1029X_08 Datasheet HTML 2Page - Vishay Siliconix SI1029X_08 Datasheet HTML 3Page - Vishay Siliconix SI1029X_08 Datasheet HTML 4Page - Vishay Siliconix SI1029X_08 Datasheet HTML 5Page - Vishay Siliconix SI1029X_08 Datasheet HTML 6Page - Vishay Siliconix SI1029X_08 Datasheet HTML 7Page - Vishay Siliconix SI1029X_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71435
S-80643-Rev. B, 24-Mar-08
Vishay Siliconix
Si1029X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 µA
N-Ch
60
V
VGS = 0 V, ID = - 10 µA
P-Ch
- 60
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1
2.5
VDS = VGS, ID = - 250 µA
P-Ch
- 1
- 3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
N-Ch
± 50
nA
P-Ch
± 100
VDS = 0 V, VGS = ± 10 V
N-Ch
± 150
P-Ch
± 200
Zero Gate Voltage Drain Current
IDSS
VDS = 50 V, VGS = 0 V
N-Ch
10
VDS = - 50 V, VGS = 0 V
P-Ch
- 25
VDS = 50 V, VGS = 0 V, TJ = 85 °C
N-Ch
100
VDS = - 50 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 250
On-State Drain Currenta
ID(on)
VDS = 10 V, VGS = 4.5 V
N-Ch
500
mA
VDS = - 10 V, VGS = - 4.5 V
P-Ch
- 50
VDS = 7.5 V, VGS = - 4.5 V
N-Ch
800
VDS = - 10 V, VGS = - 10 V
P-Ch
- 600
Drain-Source On-State
Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
N-Ch
3
Ω
VGS = - 4.5 V, ID = - 25 mA
P-Ch
8
VGS = 10 V, ID = 500 mA
N-Ch
1.40
VGS = - 10 V, ID = - 500 mA
P-Ch
4
VGS = 10 V, ID = 500 mA, TJ = 125 °C
N-Ch
2.50
VGS = - 10 V, ID = - 500 mA, TJ = 125 °C
P-Ch
6
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
N-Ch
200
ms
VDS = - 10 V, ID = - 100 mA
P-Ch
100
Diode Forward Voltagea
VSD
IS = 200 mA, VGS = 0 V
N-Ch
1.4
V
IS = - 200 mA, VGS = 0 V
P-Ch
- 1.4
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 250 mA
P-Channel
VDS = - 30 V, VGS = - 15 V, ID = - 500 mA
N-Ch
750
pC
P-Ch
1700
Gate-Source Charge
Qgs
N-Ch
75
P-Ch
260
Gate-Drain Charge
Qgd
N-Ch
225
P-Ch
460
Input Capacitance
Ciss
N-Channel
VDS = 25 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 25 V, VGS = 0 V, f = 1 MHz
N-Ch
30
pF
P-Ch
23
Output Capacitance
Coss
N-Ch
6
P-Ch
10
Reverse Transfer Capacitance
Crss
N-Ch
3
P-Ch
5
Turn-On Timec
tON
N-Channel
VDD = 30 V, RL = 150 Ω
ID ≅ 200 mA, VGEN = 10 V, RG = 10 Ω
N-Ch
15
ns
P-Ch
20
Turn-Off Timec
tOFF
P-Channel
VDD = - 25 V, RL = 150 Ω
ID ≅ - 165 mA, VGEN = - 10 V, RG = 10 Ω
N-Ch
20
P-Ch
35


同様の部品番号 - SI1029X_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_10 Datasheet
135Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
Rev. C, 25-Oct-10
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1029X_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X_10 Datasheet
135Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
Rev. C, 25-Oct-10
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com