データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1031R データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI1031R
部品情報  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1031R データシート(HTML) 2 Page - Vishay Siliconix

  SI1031R Datasheet HTML 1Page - Vishay Siliconix SI1031R Datasheet HTML 2Page - Vishay Siliconix SI1031R Datasheet HTML 3Page - Vishay Siliconix SI1031R Datasheet HTML 4Page - Vishay Siliconix SI1031R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71171
S-81543-Rev. C, 07-Jul-08
Vishay Siliconix
Si1031R/X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.40
- 1.2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 2.8 V
± 0.5
± 1.0
µA
VDS = 0 V, VGS = ± 4.5 V
± 1.0
± 2.0
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
- 1
- 500
nA
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
- 10
µA
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 200
mA
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 150 mA
8
Ω
VGS = - 2.5 V, ID = - 125 mA
12
VGS = - 1.8 V, ID = - 100 mA
15
VGS = - 1.5 V, ID = - 30 mA
20
Forward Transconductancea
gfs
VDS = - 10 V, ID = 150 mA
0.4
S
Diode Forward Voltagea
VSD
IS = - 150 mA, VGS = 0 V
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 150 mA
1500
pC
Gate-Source Charge
Qgs
150
Gate-Drain Charge
Qgd
450
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 65 Ω
ID ≅ - 150 mA, VGEN = - 4.5 V, RG = 10 Ω
55
ns
Rise Time
tr
30
Turn-Off Delay Time
td(off)
60
Fall Time
tf
30
Output Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0123456
VGS = 5 thru 2.5 V
2 V
VDS - Drain-to-Source Voltage (V)
1.8 V
Transfer Characteristics
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TJ = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - SI1031R

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1031R VISHAY-SI1031R Datasheet
42Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Jul-03
SI1031R VISHAY-SI1031R Datasheet
135Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1031R/X VISHAY-SI1031R/X Datasheet
134Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1031RX VISHAY-SI1031RX Datasheet
134Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1031RX VISHAY-SI1031RX_V01 Datasheet
134Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1031R

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com