データシートサーチシステム |
|
SI1302DL データシート(PDF) 2 Page - Vishay Siliconix |
|
SI1302DL データシート(HTML) 2 Page - Vishay Siliconix |
2 / 5 page Si1302DL Vishay Siliconix New Product www.vishay.com 2 Document Number: 71249 S-02367—Rev. C, 23-Oct-00 SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 1 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "20 V "100 nA VDS = 24 V, VGS = 0 V 1 m Zero Gate Voltage Drain Current IDSS VDS = 24 V, VGS = 0 V, TJ = 70_C 5 mA On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V 1.5 A VGS = 10 V, ID = 0.6 A 0.410 0.480 W Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 0.2 A 0.600 0.700 W Forward Transconductancea gfs VDS = 15 V, ID = 0.6 A 0.75 S Diode Forward Voltagea VSD IS = 0.23 A, VGS = 0 V 0.8 1.2 V Dynamicb Total Gate Charge Qg 0.86 1.4 Gate-Source Charge Qgs VDS = 15 V, VGS = 10 V, ID = 0.6 A 0.24 nC Gate-Drain Charge Qgd 0.08 Turn-On Delay Time td(on) 5 10 Rise Time tr VDD = 15 V, RL = 30 W 8 15 Turn-Off Delay Time td(off) VDD = 15 V, RL = 30 W ID ^ 0.5 A, VGEN = 10 V, RG = 6 W 8 15 ns Fall Time tf 7 15 Source-Drain Reverse Recovery Time trr IF = 0.23 A, di/dt = 100 A/ms 15 30 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0.0 0.2 0.4 0.6 0.8 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.0 0.2 0.4 0.6 0.8 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VGS = 10 thru 4 V TC = 125_C –55 _C 25 _C Output Characteristics Transfer Characteristics VDS – Drain-to-Source Voltage (V) VGS – Gate-to-Source Voltage (V) 3 V |
同様の部品番号 - SI1302DL |
|
同様の説明 - SI1302DL |