データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1958DH-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1958DH-T1-E3
部品情報  Dual N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1958DH-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI1958DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1958DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1958DH
New Product
Document Number: 74340
S-70532-Rev. B, 26-Mar-07
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch for Portable Applications
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
Qg (Typ)
20
0.205 at VGS = 4.5 V
1.3a
1.2 nC
0.340 at VGS = 2.5 V
1.3a
Marking Code
CC
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Ordering Information: Si1958DH-T1-E3 (Lead (Pb)-free)
N-Channel MOSFET
G2
D2
S2
N-Channel MOSFET
G1
D1
S1
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 sec.
d. Maximum under Steady State conditions is 220 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1.3a
A
TC = 70 °C
1.3a
TA = 25 °C
1.3a
TA = 70 °C
1.2a
Pulsed Drain Current
IDM
4
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.0
TA = 25 °C
0.61c
Maximum Power Dissipation
TC = 25 °C
PD
1.25
W
TC = 70 °C
0.8
TA = 25 °C
0.74b, c
TA = 70 °C
0.47b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 sec
RthJA
130
170
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
RoHS
COMPLIANT


同様の部品番号 - SI1958DH-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1958DH VISHAY-SI1958DH Datasheet
121Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. C, 05-Apr-10
SI1958DH VISHAY-SI1958DH Datasheet
131Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI1958DH VISHAY-SI1958DH_10 Datasheet
121Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. C, 05-Apr-10
SI1958DH VISHAY-SI1958DH_V01 Datasheet
131Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

同様の説明 - SI1958DH-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com