データシートサーチシステム |
|
SM6S12A データシート(PDF) 1 Page - Vishay Siliconix |
|
SM6S12A データシート(HTML) 1 Page - Vishay Siliconix |
1 / 5 page SM6S10 thru SM6S36A Vishay General Semiconductor Document Number: 88384 Revision: 20-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions FEATURES • Patented PAR® construction • Available in uni-directional polarity only • Low leakage current • Low forward voltage drop • High surge capability • Meets ISO7637-2 surge spec (varied by test condition) • Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Used in sensitive electronics protection against voltage transients induced by inductive load switching and lighting, especially for automotive load dump protection application. MECHANICAL DATA Case: DO-218AB Molding compound meets UL 94 V-0 flammability rating Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 HE3 suffix meets JESD 201 class 2 whisker test Polarity: Heatsink is anode PRIMARY CHARACTERISTICS VWM 10 V to 36 V PPPM (10 x 1000 µs) 4600 W PPPM (10 x 10000 µs) 3600 W PD 6 W IFSM 600 A TJ max. 175 °C DO-218AB *Patent #'s: 4,980,315 5,166,769 5,278,095 Patented* Note: (1) Non-repetitive current pulse at TA = 25 °C MAXIMUM RATINGS (TC = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Peak pulse power dissipation with 10/1000 µs waveform with 10/10000 µs waveform PPPM 4600 3600 W Power dissipation on infinite heatsink at TC = 25 °C (Fig. 1) PD 6.0 W Peak pulse current with 10/1000 µs waveform (1) IPPM See next table A Peak forward surge current 8.3 ms single half sine-wave IFSM 600 A Operating junction and storage temperature range TJ, TSTG - 55 to + 175 °C |
同様の部品番号 - SM6S12A |
|
同様の説明 - SM6S12A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |