データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZG3788 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SMZG3788
部品情報  Surface Mount Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZG3788 データシート(HTML) 1 Page - Vishay Siliconix

  SMZG3788_08 Datasheet HTML 1Page - Vishay Siliconix SMZG3788_08 Datasheet HTML 2Page - Vishay Siliconix SMZG3788_08 Datasheet HTML 3Page - Vishay Siliconix SMZG3788_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMZG3788 thru SMZG3809B
Vishay General Semiconductor
Document Number: 88458
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Power Voltage-Regulating Diodes
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Low Zener impedance
• Low regulation factor
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
general
purpose
regulation
and
protection
applications.
MECHANICAL DATA
Case: DO-215AA (SMBG)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VZ
9.1 V to 68 V
PD
1.5 W
IR (VZ > 12 V)
5.0 µA
TJ max.
150 °C
DO-215AA (SMBG)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


同様の部品番号 - SMZG3788_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMZG3788A-E3/52 VISHAY-SMZG3788A-E3/52 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788A-E3/5B VISHAY-SMZG3788A-E3/5B Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788AHE3/52 VISHAY-SMZG3788AHE3/52 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788AHE3/5B VISHAY-SMZG3788AHE3/5B Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
More results

同様の説明 - SMZG3788_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com