データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB8J26CA データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SMB8J26CA
部品情報  High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMB8J26CA データシート(HTML) 2 Page - Vishay Siliconix

  SMB8J26CA Datasheet HTML 1Page - Vishay Siliconix SMB8J26CA Datasheet HTML 2Page - Vishay Siliconix SMB8J26CA Datasheet HTML 3Page - Vishay Siliconix SMB8J26CA Datasheet HTML 4Page - Vishay Siliconix SMB8J26CA Datasheet HTML 5Page - Vishay Siliconix SMB8J26CA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMB10(8)J5.0(C) thru SMB10(8)J40(C)A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88422
Revision: 22-Oct-08
2
UNI-DIRECTIONAL
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) VF = 3.5 V at IF = 50 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
SMB10J5.0
1AD
6.40
7.82
10
5.0
1000
104.2
9.6
SMB10J5.0A
1AE
6.40
7.07
10
5.0
1000
108.7
9.2
SMB10J6.0
1AF
6.67
8.15
10
6.0
1000
87.7
11.4
SMB10J6.0A
1AG
6.67
7.37
10
6.0
1000
97.1
10.3
SMB10J6.5
1AH
7.22
8.82
10
6.5
500
81.3
12.3
SMB10J6.5A
1AK
7.22
7.98
10
6.5
500
89.3
11.2
SMB10J7.0
1AL
7.78
9.51
10
7.0
200
75.2
13.3
SMB10J7.0A
1AM
7.78
8.60
10
7.0
200
83.3
12.0
SMB10J7.5
1AN
8.33
10.2
1.0
7.5
100
69.9
14.3
SMB10J7.5A
1AP
8.33
9.21
1.0
7.5
100
77.5
12.9
SMB10J8.0
1AQ
8.89
10.9
1.0
8.0
50
66.7
15.0
SMB10J8.0A
1AR
8.89
9.83
1.0
8.0
50
73.5
13.6
SMB10J8.5
1AS
9.44
11.5
1.0
8.5
20
62.9
15.9
SMB10J8.5A
1AT
9.44
10.4
1.0
8.5
20
69.4
14.4
SMB10J9.0
1AU
10.0
12.2
1.0
9.0
10
59.2
16.9
SMB10J9.0A
1AV
10.0
11.1
1.0
9.0
10
64.9
15.4
SMB10J10
1AW
11.1
13.6
1.0
10
5.0
53.2
18.8
SMB10J10A
1AX
11.1
12.3
1.0
10
5.0
58.8
17.0
SMB10J11
1AY
12.2
14.9
1.0
11
5.0
49.8
20.1
SMB10J11A
1AZ
12.2
13.5
1.0
11
5.0
54.9
18.2
SMB10J12
1BD
13.3
16.3
1.0
12
5.0
45.5
22.0
SMB10J12A
1BE
13.3
14.7
1.0
12
5.0
50.3
19.9
SMB10J13
1BF
14.4
17.6
1.0
13
1.0
42.0
23.8
SMB10J13A
1BG
14.4
15.9
1.0
13
1.0
46.5
21.5
SMB10J14
1BH
15.6
19.1
1.0
14
1.0
38.8
25.8
SMB10J14A
1BK
15.6
17.2
1.0
14
1.0
43.1
23.2
SMB10J15
1BL
16.7
20.4
1.0
15
1.0
37.2
26.9
SMB10J15A
1BM
16.7
18.5
1.0
15
1.0
41.0
24.4
SMB10J16
1BN
17.8
21.8
1.0
16
1.0
34.7
28.8
SMB10J16A
1BP
17.8
19.7
1.0
16
1.0
38.5
26.0
SMB10J17
1BQ
18.9
23.1
1.0
17
1.0
32.8
30.5
SMB10J17A
1BR
18.9
20.9
1.0
17
1.0
36.2
27.6
SMB10J18
1BS
20.0
24.4
1.0
18
1.0
31.1
32.2
SMB10J18A
1BT
20.0
22.1
1.0
18
1.0
34.2
29.2
SMB10J20
1BU
22.2
27.1
1.0
20
1.0
27.9
35.8
SMB10J20A
1BV
22.2
24.5
1.0
20
1.0
30.9
32.4
SMB10J22
1BW
24.4
29.8
1.0
22
1.0
25.4
39.4
SMB10J22A
1BX
24.4
26.9
1.0
22
1.0
28.2
35.5
SMB10J24
1BY
26.7
32.6
1.0
24
1.0
23.3
43.0
SMB10J24A
1BZ
26.7
29.5
1.0
24
1.0
25.7
38.9
SMB10J26
1CD
28.9
35.3
1.0
26
1.0
21.5
46.6
SMB10J26A
1CE
28.9
31.9
1.0
26
1.0
23.8
42.1
SMB10J28
1CF
31.1
38.0
1.0
28
1.0
20.0
50.0
SMB10J28A
1CG
31.1
34.4
1.0
28
1.0
22.0
45.4
SMB10J30
1CH
33.3
40.7
1.0
30
1.0
18.7
53.5
SMB10J30A
1CK
33.3
36.8
1.0
30
1.0
20.7
48.4
SMB10J33
1CL
36.7
44.9
1.0
33
1.0
16.9
59.0
SMB10J33A
1CM
36.7
40.6
1.0
33
1.0
18.8
53.3
SMB10J36
1CN
40.0
48.9
1.0
36
1.0
15.6
64.3
SMB10J36A
1CP
40.0
44.2
1.0
36
1.0
17.2
58.1
SMB10J40
1CQ
44.4
54.3
1.0
40
1.0
14.0
71.4
SMB10J40A
1CR
44.4
49.1
1.0
40
1.0
15.5
64.5


同様の部品番号 - SMB8J26CA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMB8J26CA VISHAY-SMB8J26CA Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMB8J26CA VISHAY-SMB8J26CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB8J26CA VISHAY-SMB8J26CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

同様の説明 - SMB8J26CA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com