データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS20104D1X392KSE データシート(PDF) 2 Page - Vishay Siliconix

部品番号 CS20104D1X392KSE
部品情報  Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS20104D1X392KSE データシート(HTML) 2 Page - Vishay Siliconix

  CS20104D1X392KSE Datasheet HTML 1Page - Vishay Siliconix CS20104D1X392KSE Datasheet HTML 2Page - Vishay Siliconix CS20104D1X392KSE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31522
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 07-Aug-08
2
CS201
Capacitor Networks, Single-In-Line,
Conformal Coated SIP, "D" Profile
Vishay Dale
DIMENSIONS in inches [millimeters]
Pin #1 is extreme left-hand terminal on side with marking.
NUMBER
OF PINS
L
MAXIMUM
NUMBER
OF PINS
L
MAXIMUM
NUMBER
OF PINS
L
MAXIMUM
4 pin
0.400 [10.16]
9 pin
0.900 [22.86]
14 pin
1.400 [35.56]
5 pin
0.500 [12.70]
10 pin
1.000 [25.40]
15 pin
1.500 [38.10]
6 pin
0.600 [15.24]
11 pin
1.100 [27.94]
16 pin
1.600 [40.64]
7 pin
0.700 [17.78]
12 pin
1.200 [30.48]
17 pin
1.700 [43.18]
8 pin
0.800 [20.32]
13 pin
1.300 [33.02]
18 pin
1.800 [45.72]
SCHEMATICS
0.100 ± 0.005 [2.54 ± 0.127]
Non-Cumulative
at Point of Egress
0.020
[0.508]
0.050 [1.27]
0.300
[7.62]
L
Max.
0.085 [2.160]
Typ.
0.135 [3.43]
Max.
0.050 [1.27]
Typ.
0.010
[0.254]
0.135 + 0.015 - 0.010
[3.43 + 0.381 - 0.254]
Seating Plane
for 0.040 [1.016] Ø Hole
0
.007 [0.178] Ref.
1
2
3
4
5
6
n-1
n
Schematic 1
Common Bus - 1 Ground Lead
Schematic 3
1
2
3
4
5
6
7
8
n-1
n
Isolated Capacitor Sections
Schematic 4
1
2
3
4
n-1
n
Common Bus - 2 Ground Leads


同様の部品番号 - CS20104D1X392KSE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CS20104D1X103K5E VISHAY-CS20104D1X103K5E Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20104D1X103K5P VISHAY-CS20104D1X103K5P Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20104D1X103KSE VISHAY-CS20104D1X103KSE Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20104D1X103KSP VISHAY-CS20104D1X103KSP Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20104D1X103M5E VISHAY-CS20104D1X103M5E Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
More results

同様の説明 - CS20104D1X392KSE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
CS206 VISHAY-CS206_08 Datasheet
295Kb / 3P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision: 07-Aug-08
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com