データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST173S12PFK2PBF データシート(PDF) 2 Page - Vishay Siliconix

部品番号 ST173S12PFK2PBF
部品情報  Inverter Grade Thyristors (Stud Version), 175 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173S12PFK2PBF データシート(HTML) 2 Page - Vishay Siliconix

  ST173S12PFK2PBF Datasheet HTML 1Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 2Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 3Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 4Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 5Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 6Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 7Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 8Page - Vishay Siliconix ST173S12PFK2PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94367
2
Revision: 29-Apr-08
ST173SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 175 A
CURRENT CARRYING CAPABILITY
FREQUENCY
UNITS
50 Hz
500
320
790
550
4510
3310
A
400 Hz
450
290
810
540
1970
1350
1000 Hz
330
190
760
490
1050
680
2500 Hz
170
80
510
300
480
280
Recovery voltage Vr
50
50
50
V
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current dI/dt
50
-
-
A/µs
Case temperature
60
85
60
85
60
85
°C
Equivalent values for RC circuit
47/0.22
47/0.22
47/0.22
Ω/µF
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
175
A
85
°C
Maximum RMS on-state current
IT(RMS)
DC at 75 °C case temperature
275
A
Maximum peak, one half cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
4680
t = 8.3 ms
4900
t = 10 ms
100 % VRRM
reapplied
3940
t = 8.3 ms
4120
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
110
kA2s
t = 8.3 ms
100
t = 10 ms
100 % VRRM
reapplied
77
t = 8.3 ms
71
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1100
kA2
√s
Maximum peak on-state voltage
VTM
ITM = 600 A, TJ = TJ maximum,
tp = 10 ms sine wave pulse
2.07
V
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
1.55
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
1.58
Low level value of forward slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.87
m
Ω
High level value of forward slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
0.82
Maximum holding current
IH
TJ = 25 °C, IT > 30 A
600
mA
Typical latching current
IL
TJ = 25 °C, VA = 12 V, Ra = 6 Ω, IG = 1 A
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of rise
of turned on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM
ITM = 2 x dI/dt
1000
A/µs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 µs
Resistive load, gate pulse: 10 V, 5
Ω source
1.1
µs
Maximum turn-off time
minimum
tq
TJ = TJ maximum,
ITM = 300 A, commutating dI/dt = 20 A/µs
VR = 50 V, tp = 500 µs, dV/dt: See table in device code
15
maximum
25
180° el
I
TM
180° el
I
TM
100 µs
I
TM


同様の部品番号 - ST173S12PFK2PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

同様の説明 - ST173S12PFK2PBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-ST173S VISHAY-VS-ST173S Datasheet
1Mb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
Revision: 11-Mar-14
VS-ST173S VISHAY-VS-ST173S_V01 Datasheet
204Kb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com