データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST303C12CHK1-P データシート(PDF) 8 Page - Vishay Siliconix

部品番号 ST303C12CHK1-P
部品情報  Inverter Grade Thyristors (PUK Version), 620 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST303C12CHK1-P データシート(HTML) 8 Page - Vishay Siliconix

  ST303C12CHK1-P Datasheet HTML 1Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 2Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 3Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 4Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 5Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 6Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 7Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 8Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94373
8
Revision: 25-Jul-08
ST303CPbF Series
Vishay High Power Products Inverter Grade Thyristors
(PUK Version), 620 A
ORDERING INFORMATION TABLE
3 = Fast-on terminals
1
-
Thyristor
2
-
Essential part number
3
-
3 = Fast turn-off
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM
10
6
-
C = PUK case TO-200AB (E-PUK)
7
-
Reapplied dV/dt code (for tq test condition)
8
-tq code
9
-
0 = Eyelet terminals
1 = Fast-on terminals
dV/dt - tq combinations available
dV/dt (V/µs) 20
50
100 200 400
10
12
CN DN EN
tq (µs)
2 = Eyelet terminals
11
-
Critical dV/dt:
None = 500 V/µs (standard value)
L = 1000 V/µs (special selection)
-
P = Lead (Pb)-free
* Standard part number.
All other types available only on request.
15
CL
DL
EL
FL* HL
FN* HN
CM DM EM
FM
HM
20
CK DK
EK FK* HK
15
18
CL
-
-
20
CK DK
EK FK* HK
--
CP DP
-
-
25
CJ
DJ
EJ
FJ* HJ
up to 800 V
tq (µs)
only for
1000/1200 V
30
-DH EH
FH
HH
-
(see Voltage Ratings table)
(gate and aux. cathode unsoldered leads)
(gate and aux. cathode unsoldered leads)
(gate and aux. cathode soldered leads)
(gate and aux. cathode soldered leads)
Device code
5
1
3
24
6
7
8
9
10
11
ST
30
3
C
12
C
H
K
1
-
P
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95075


同様の部品番号 - ST303C12CHK1-P

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST303C12LHK1-P VISHAY-ST303C12LHK1-P Datasheet
339Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 515 A
Revision: 25-Jul-08
More results

同様の説明 - ST303C12CHK1-P

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-ST303C VISHAY-VS-ST303C Datasheet
318Kb / 10P
   Inverter Grade Thyristors (PUK Version), 620 A
Revision: 20-Dec-13
VS-ST303C VISHAY-VS-ST303C_V01 Datasheet
347Kb / 10P
   Inverter Grade Thyristors (PUK Version), 620 A
01-Jan-2022
logo
International Rectifier
ST303C1111 IRF-ST303C1111 Datasheet
468Kb / 10P
   INVERTER GRADE THYRISTORS Puk Version
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
logo
International Rectifier
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com