データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U10CCT データシート(PDF) 3 Page - Vishay Siliconix

部品番号 U10CCT
部品情報  Dual Common-Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U10CCT データシート(HTML) 3 Page - Vishay Siliconix

  U10CCT Datasheet HTML 1Page - Vishay Siliconix U10CCT Datasheet HTML 2Page - Vishay Siliconix U10CCT Datasheet HTML 3Page - Vishay Siliconix U10CCT Datasheet HTML 4Page - Vishay Siliconix U10CCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
Document Number: 88967
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics Per Diode
Figure 3. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
12
10
8
6
4
2
0
0
25
50
75
100
125
150
Resistive or Inductive Load
Case Temperature (°C)
U(B)10xCT
UF10xCT
6
5
4
3
2
1
0
0123456
Average Forward Current (A)
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = 0.2
D = t
p/T
t
p
T
100
10
1
110
100
Number of Cycles
T
J = TJ max.
10 ms Single Half Sine-Wave
Figure 4. Typical Instantaneous Forward Characteristics Per Diode
Figure 5. Typical Reverse Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
100
10
1
0.1
0.1
0.5
0.9
1.3
1.7
2.1
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
10 000
1000
100
10
10
20
30
40
50
60
70
80
90
100
1
0.1
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
100
10
1
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p


同様の部品番号 - U10CCT

メーカー部品番号データシート部品情報
logo
Amphenol Communications...
U10C03820001T AMPHENOLCS-U10C03820001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820002T AMPHENOLCS-U10C03820002T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820101T AMPHENOLCS-U10C03820101T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820102T AMPHENOLCS-U10C03820102T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03821001T AMPHENOLCS-U10C03821001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
More results

同様の説明 - U10CCT

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com