データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD-700-LAC-GAB-77.760 データシート(PDF) 5 Page - Vectron International, Inc

部品番号 CD-700-LAC-GAB-77.760
部品情報  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-LAC-GAB-77.760 データシート(HTML) 5 Page - Vectron International, Inc

  CD-700-LAC-GAB-77.760 Datasheet HTML 1Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 2Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 3Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 4Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 5Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-LAC-GAB-77.760 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 5 of 14
Rev : 06Apr08
VDD
0V
0
−π
Relative
Phase (
θ
e)
VDD/2
Vd
Gain Slope = VDD/ 2π
Figure 5. Open Loop Phase Detector Transfer Curve
Recovered Clock and Data Alignment Outputs
The CD-700 is designed to recover an embedded clock from an NRZ data signal and retime it with a data
pattern. In this application, the VCXO frequency is exactly the same frequency as the NRZ data rate and
the outputs are taken off Pin 9 (RCLK), and Pin 10 (RDATA). Under locked conditions, the falling edge of
RCLK is centered in the RDATA pattern. Also, there is a 1.5 clock cycle delay between DATAIN and
RDATA. Figure 6 shows the relationship between the DATAIN, CLKIN, RDATA and RCLK.
Figure 6. Clock and Data Timing Relationships for the NRZ data
Other RZ encoding schemes such as Manchester or AMI can be accomodated by using a CD-700 at
twice the baud rate.
Loss of Signal, LOS and LOSIN
The LOS circuit provides an output alarm flag when the DATAIN input signal is lost. The LOS output is
normally a logic low and is set to a logic high after 256 consecutive clock periods on CLKIN with no
detected DATAIN transitions. This signal can be used to either flag external alarm circuits and/or drive the
CD-700’s LOSIN input. When LOSIN is set to a logic high, the VCXO control voltage (pin 16) is switched
to an internal voltage which sets OUT1 and OUT2 to center frequency +/-75ppm. Also, LOS automatically
closes the op amp feedback which means the op-amp is a unity gain buffer and will produce a DC voltage
equal to the +op amp voltage (pin 15), usually VDD/2.
Data1
Clock In
CLKIN
Data In
DATAIN
Recovered Data
RDATA
Recovered Clock
RCLK


同様の部品番号 - CD-700-LAC-GAB-77.760

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CD-700-LAC-GAB-XX.XXX ETC1-CD-700-LAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

同様の説明 - CD-700-LAC-GAB-77.760

メーカー部品番号データシート部品情報
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com