データシートサーチシステム |
|
CD-700-LAF-NFC-77.760 データシート(PDF) 3 Page - Vectron International, Inc |
|
CD-700-LAF-NFC-77.760 データシート(HTML) 3 Page - Vectron International, Inc |
3 / 14 page CD-700, VCXO Based PLL Vectron International, 267 Lowell Rd, Hudson NH 03051-4916 Tel: 1-88-VECTRON-1 • Web: www.vectron.com Page 3 of 14 Rev : 06Apr08 Test Conditions (25 ±5°C) Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Table 2. Absolute Maximum Ratings Parameter Symbol Ratings Unit Power Supply VDD 7 Vdc Storage Temperature Tstorage -55/125 °C Soldering Temperature/Duration TPEAK / tP 260 / 40 °C/sec Clock and Data Input Range CLKIN, DATAIN Gnd-0.5 to VDD +0.5 V Reliability The CD-700 is capable of meeting the following qualification tests. Table 3. Environmental Compliance Parameter Conditions Mechanical Shock MIL-STD-883, Method 2002 Mechanical Vibration MIL-STD-883, Method 2007 Solderability MIL-STD-883, Method 2003 Gross and Fine Leak MIL-STD-883, Method 1014, 100% Tested Resistance to Solvents MIL-STD-883, Method 2016 Handling Precautions Although ESD protection circuitry has been designed into the the CD-700, proper precautions should be taken when handling and mounting. VI employs a Human Body Model (HBM) and a Charged Device Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Table 4. Predicted ESD Ratings Model Minimum Conditions Human Body Model 1500 V MIL-STD 883, Method 3015 Charged Device Model 1000 V JESD 22-C101 |
同様の部品番号 - CD-700-LAF-NFC-77.760 |
|
同様の説明 - CD-700-LAF-NFC-77.760 |