データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1882AJCPZ データシート(PDF) 7 Page - Analog Devices

部品番号 AD1882AJCPZ
部品情報  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1882AJCPZ データシート(HTML) 7 Page - Analog Devices

Back Button AD1882AJCPZ Datasheet HTML 3Page - Analog Devices AD1882AJCPZ Datasheet HTML 4Page - Analog Devices AD1882AJCPZ Datasheet HTML 5Page - Analog Devices AD1882AJCPZ Datasheet HTML 6Page - Analog Devices AD1882AJCPZ Datasheet HTML 7Page - Analog Devices AD1882AJCPZ Datasheet HTML 8Page - Analog Devices AD1882AJCPZ Datasheet HTML 9Page - Analog Devices AD1882AJCPZ Datasheet HTML 10Page - Analog Devices AD1882AJCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1882A
Rev. 0
|
Page 7 of 20
|
August 2008
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed below may cause permanent
damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above
those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
ESD CAUTION
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD
× θCA)
TCASE = case temperature in
°C
PD = power dissipation in W
θCA = thermal resistance (case-to-ambient)
θJA = thermal resistance (junction-to-ambient)
θJC = thermal resistance (junction-to-case)
All measurements per EIA-JESD51 with 2S2P test board per
EIA-JESD51-7.
Parameter
Rating
Digital (DVDD)
–0.30 V to +3.65 V
Digital I/O (DVIO)
–0.30 V to +3.65 V
Digital GPIO (DVGPIO)
–0.30 V to +3.65 V
Analog (AVDD)
–0.30 V to +3.65 V
Input Current (Except Supply Pins) ±10.0 mA
Analog Input Voltage (Signal Pins)
–0.30 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
–0.30 V to DVIO + 0.3 V
Ambient Temperature (Operating) 0°C to +70°C
Storage Temperature
–65°C to +150°C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
Package
θJA
θJC
θCA
Unit
LFCSP_VQ
47
15
32
°C/W


同様の部品番号 - AD1882AJCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

同様の説明 - AD1882AJCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com