データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10XS3412 データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC10XS3412
部品情報  Quad High Side Switch (Dual 10m廓, Dual 12m廓)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412 データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
10XS3412
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RESISTANCE
Thermal Resistance(5)
Junction to Case
Junction to Ambient
RθJC
RθJA
<1.0
30
°C/W
Peak Pin Reflow Temperature During Solder Mounting(6)
TSOLDER
245
°C
Notes
5.
Device mounted on a 2s2p test board per JEDEC JESD51-2. 15 °C/W of RθJA can be reached in a real application case (4 layers board).
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit


同様の部品番号 - MC10XS3412

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

同様の説明 - MC10XS3412

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com