データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC15XS3400 データシート(PDF) 33 Page - Freescale Semiconductor, Inc

部品番号 MC15XS3400
部品情報  Quad High Side Switch (Quad 15m廓)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400 データシート(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
15XS3400
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 16-bit
messages. A message is transmitted by the MCU starting
with the MSB D15 and ending with the LSB, D0 (Table 9).
Each incoming command message on the SI pin can be
interpreted using the following bit assignments: the MSB,
D15, is the watchdog bit (WDIN). In some cases, output
selection is done with bits D14:D13. The next three bits,
D12:D10, are used to select the command register. The
remaining nine bits, D8:D0, are used to configure and control
the outputs and their protection features.
Multiple messages can be transmitted in succession to
accommodate those applications where daisy-chaining is
desirable, or to confirm transmitted data, as long as the
messages are all multiples of 16 bits. Any attempt made to
latch in a message that is not 16 bits will be ignored.
The 15XS3400 has defined registers, which are used to
configure the device and to control the state of the outputs.
Table 10 summarizes the SI registers.
Table 9. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog requirements.
D14
:D13
Register address bits used in some cases for output selection (
Table 12).
D12
:D10
Register address bits.
D9
Not used (set to logic [0]).
LSB
D8:D0
Used to configure the inputs, outputs, and the device protection features and SO status content.
Table 10. Serial Input Address and Configuration Bit Map
SI
Register
SI Data
D15
D1
4
D13
D1
2
D1
1
D1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STATR_s WDI
N
X
X
0
0
0
0
0
0
0
0
SOA4
SOA3
SOA2
SOA1
SOA0
PWMR_s WDI
N
A1 A0
0
0
1
0
28W_s
ON_s
PWM6_s
PWM5_s
PWM4_s
PWM3_s
PWM2_s
PWM1_s
PWM0_s
CONFR0_
s
WDI
N
A1 A0
0
1
0
0
0
0
0
DIR_dis_s
SR1_s
SR0_s
DELAY2_s
DELAY1_s DELAY0_s
CONFR1_
s
WDI
N
A1 A0
0
1
1
0
0
0
Retry_
unlimited_s
Retry_dis_s OS_dis_s OLON_dis_s OLOFF_dis_
s
OLLED_en
_s
CSNS_ratio
_s
OCR_s
WDI
N
A1 A0
1
0
0
0
Xenon_
s
BC1_s
BC0_s
OC1_s
OC0_s
OCHI_s
OCLO1_s
OCLCO0_s OC_mode_
s
GCR
WDI
N
0
0
1
0
1
0
VDD_F
AIL_en
PWM_en CLOCK_sel TEMP_en
CSNS_en
CSNS1
CSNS0
X
OV_dis
CALR
WDI
N
0
0
1
1
1
0
1
0
1
0
1
1
0
1
1
Register
state after
RST=0 or
VDD(FAIL)
or
VSUPPLY(P
OR)
condition
0
0
0
X
X
X
0
0
0
0
0
0
0
0
0
0
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 11.


同様の部品番号 - MC15XS3400

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400CHFK FREESCALE-MC15XS3400CHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400DHFK FREESCALE-MC15XS3400DHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400DPNA FREESCALE-MC15XS3400DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

同様の説明 - MC15XS3400

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49