データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC15XS3400 データシート(PDF) 17 Page - Freescale Semiconductor, Inc

部品番号 MC15XS3400
部品情報  Quad High Side Switch (Quad 15m廓)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400 データシート(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
15XS3400
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE CHARACTERISTICS(34)
Maximum Frequency of SPI Operation
fSPI
8.0
MHz
Required Low State Duration for RST(35)
tWRST
10
μs
Rising Edge of CS to Falling Edge of CS (Required Setup Time)(36)
tCS
1.0
μs
Rising Edge of RST to Falling Edge of CS (Required Setup Time)(36)
tENBL
5.0
μs
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)(36)
tLEAD
500
ns
Required High State Duration of SCLK (Required Setup Time)(36)
tWSCLKh
50
ns
Required Low State Duration of SCLK (Required Setup Time)(36)
tWSCLKl
50
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)(36)
tLAG
60
ns
SI to Falling Edge of SCLK (Required Setup Time)(37)
tSI(SU)
37
ns
Falling Edge of SCLK to SI (Required Setup Time)(37)
tSI(HOLD)
49
ns
SO Rise Time
CL = 80pF
tRSO
13
ns
SO Fall Time
CL = 80pF
tFSO
13
ns
SI, CS, SCLK, Incoming Signal Rise Time(37)
tRSI
13
ns
SI, CS, SCLK, Incoming Signal Fall Time(37)
tFSI
13
ns
Time from Rising Edge of SCLK to SO Low-impedance(38)
tSO(EN)
60
ns
Time from Rising Edge of SCLK to SO High-impedance(39)
tSO(DIS)
60
ns
Notes
34.
Parameters guaranteed by design.
35.
RST
low duration measured with outputs enabled and going to OFF or disabled condition.
36.
Maximum setup time required for the 15XS3400 is the minimum guaranteed time needed from the microcontroller.
37.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
38.
Time required for output status data to be available for use at SO. 1.0k
Ω on pull-up on CS.
39.
Time required for output status data to be terminated at SO. 1.0k
Ω on pull-up on CS.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 20V, 3.0V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC15XS3400

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400CHFK FREESCALE-MC15XS3400CHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400DHFK FREESCALE-MC15XS3400DHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400DPNA FREESCALE-MC15XS3400DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

同様の説明 - MC15XS3400

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com