データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13224VR2 データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC13224VR2
部品情報  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224VR2 データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13224VR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MC13224V Product Preview, Rev. 1.0
6
Freescale Semiconductor
— JTAG debug port
— Nexus extended feature debug port
System protection features
— Low battery detect
— Watchdog timer (COP)
— Sleep mode timer
Low external component count
— Only antenna needed for single-ended 50-
Ω RF interface (balun in package)
— Only a single crystal is required for the main oscillator; programmable crystal load capacitors
are on-chip
— All bypass capacitors in package
Supports single crystal reference clock source (typical 24 MHz crystal with 13 - 26 MHz usable)
with on-chip programmable crystal load capacitance or external frequency source. Also provides
onboard 2 kHz oscillator for wake-up timing or an optional 32.768 kHz crystal for accurate low
power timing.
2.0V to 3.6V operating voltage with on-chip voltage regulators; down to 1.8V with off-chip
regulation
Optional buck converter for better battery life.
-40°C to +105°C temperature range
RoHS-compliant 9.5mm x 9.5mm x 1.2mm 99-pin LGA package
2.3
High Density, Low Component Count, Integrated IEEE 802.15.4
Solution
The MC13224V is more than a high performance, low power platform-in-a-package IEEE 802.15.4
solution. Not only are the transceiver (radio) and MCU on an SoC, the packaged solution contains a 128
Kbyte serial FLASH memory, onboard bypass capacitors for critical nodes, and RF components that
present a single-ended 50-
Ω interface for an external antenna. The radio is a full differential design with
an on-chip transmit/receive (TX/RX) switch, and the PiP also has an onboard balun for differential to
singled-ended conversion. On-chip RF matching is also provided to present the proper impedance to the
antenna.
To further simplify the application, single crystal operation (optimized for 24 MHz) is supported for full
radio and MCU operation. If the default 24 MHz crystal is not used, the device supports 13-26 MHz
crystals also. The load capacitance to the crystal oscillator is supplied on-chip to eliminate the need for the
otherwise required external capacitors.
2.4
Integrated IEEE 802.15.4 Transceiver (Radio and Modem)
The MC13224V IEEE 802.15.4 fully-compliant transceiver provides a complete 2.4 GHz radio with 250
kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 5.0 MHz channels and full spread-spectrum
encode and decode. The modem supports transmit, receive, clear channel assessment (CCA), Energy
Detect (ED), and Link Quality Indication (LQI) as required by the 802.15.4 Standard.


同様の部品番号 - MC13224VR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224VR2 NXP-MC13224VR2 Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

同様の説明 - MC13224VR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com