データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33990 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 MC33990
部品情報  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33990 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33990_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33990_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33990
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 13. Maximum Bus Load
14570 pF
342
Ω
470 pF
10.6 k
Ω
31 Secondary Nodes
Table 6. Class B Bus Capacitance and Resistance Expressions
Level
Capacitance
Resistance to Ground
Minimum
(3.3 x 0.9) + (0.47 x 0.9) = 3.39 nF
(1.5 x 0.95) || (10.6 x 0.95) / 25 = 314
Ω
Maximum
(3.3 x 1.1) + 25(0.47 x 1.1) = 16.55 nF
(1.5 x 1.05) || (10.6 x 1.05) = 1.38 k
Ω


同様の部品番号 - MC33990_08

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33990D FREESCALE-MC33990D Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D FREESCALE-MC33990D Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990DDR2 FREESCALE-MC33990DDR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990DR2 FREESCALE-MC33990DR2 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
More results

同様の説明 - MC33990_08

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com