データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL345BCCZ1 データシート(PDF) 7 Page - Analog Devices

部品番号 ADXL345BCCZ1
部品情報  Three-Axis, 짹2/4/8/16g Digital Accelerometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL345BCCZ1 データシート(HTML) 7 Page - Analog Devices

Back Button ADXL345BCCZ1 Datasheet HTML 3Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 4Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 5Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 6Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 7Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 8Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 9Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 10Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Technical Data
ADXL345
Rev. PrA | Page 7 of 24
FUNCTIONAL DESCRIPTION
DEVICE OPERATION
The ADXL345 is a complete three-axis acceleration
measurement system with a selectable measurement range of
either ±2 g, ±4 g, ±8 g, or ±16 g. It measures both dynamic
acceleration resulting from motion or shock and static
acceleration, such as gravity, which allows it to be used as a tilt
sensor. The sensor is a polysilicon surface-micromachined
structure built on top of a silicon wafer. Polysilicon springs
suspend the structure over the surface of the wafer and provide
a resistance against acceleration forces. Deflection of the
structure is measured using differential capacitors that consist
of independent fixed plates and plates attached to the moving
mass. Acceleration deflects the beam and unbalances the
differential capacitor, resulting in a sensor output whose
amplitude is proportional to acceleration. Phase-sensitive
demodulation is used to determine the magnitude and polarity
of the acceleration.
POWER SEQUENCING
Power may be applied to VS or VDD I/O in any sequence without
damaging the ADXL345. All possible power on states are
summarized in Table 4. The interface voltage level is set with
the interface supply voltage VDD I/O, which must be present to
ensure that the ADXL345 does not create a conflict on the
communications bus. For single-supply operation, VDD I/O can be
the same as the main supply, VS. Conversely, in a dual-supply
application, VDD I/O can differ from VS to accommodate the
desired interface voltage. Once VS is applied, the device enters
standby state, where power consumption is minimized and the
device waits for VDD I/O to be applied and a command to enter
measurement state (setting the MEASURE bit in the
POWER_CTL register). Clearing the MEASURE bit returns the
device to standby state.
Table 4. Power Sequencing
Condition
VS VDD I/O Description
Power Off
Off
Off
Completely off, potential for
communications bus conflict.
Bus Enabled
Off
On
No functions available, but will not create
conflict on communications bus.
Standby or
Measurement
On
On
At power up the device is in Standby mode
awaiting a command to enter measurement
mode and all sensor functions are off. Once
instructed to enter Measurement mode, all
sensor functions are available.
POWER SAVING
Power Modes
The ADXL345 automatically modulates its power consumption
proportionally with its output data rate as shown in Table 5. If
additional power savings is desired, a lower power mode is
available. In this mode, the internal sampling rate is reduced
allowing for power savings in the 12.5 to 400Hz data rate range
at the expense of slightly greater noise. To enter lower power
mode, set the LOW_POWER bit(D4) in the BW_RATE
register.
Table 5. Current Consumption versus Data Rate
Output Data
Rate (Hz)
Bandwidth
(Hz)
Rate Code
IDD (µA)
3200
1600
1111
130
1600
800
1110
80
800
400
1101
130
400
200
1100
130
200
100
1011
130
100
50
1010
130
50
25
1001
80
25
12.5
1000
55
12.5
6.25
0111
37
6.25
3.125
0110
25
3.125
1.563
0101
25
1.563
0.782
0100
25
0.782
0.39
0011
25
0.39
0.195
0010
25
0.195
0.098
0001
25
0.098
0.048
0000
25
The current consumption in Low Power Mode is shown in
Table 6. Cases where there is no advantage to using Low Power
Mode are shaded.
Table 6. Current Consumption versus Data Rate in Low
Power Mode
Output
Data Rate
Bandwidth
(Hz)
Rate Code
IDD (µA)
3200
1600
1111
130
1600
800
1110
80
800
400
1101
130
400
200
1100
80
200
100
1011
55
100
50
1010
37
50
25
1001
30
25
12.5
1000
25
12.5
6.25
0111
25
6.25
3.125
0110
25
3.125
1.563
0101
25
1.563
0.782
0100
25
0.782
0.39
0011
25
0.39
0.195
0010
25
0.195
0.098
0001
25
0.098
0.048
0000
25


同様の部品番号 - ADXL345BCCZ1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

同様の説明 - ADXL345BCCZ1

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com