データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL345BCCZ-RL1 データシート(PDF) 10 Page - Analog Devices

部品番号 ADXL345BCCZ-RL1
部品情報  Three-Axis, 짹2/4/8/16g Digital Accelerometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL345BCCZ-RL1 データシート(HTML) 10 Page - Analog Devices

Back Button ADXL345BCCZ-RL1 Datasheet HTML 6Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 7Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 8Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 9Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 10Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 11Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 12Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 13Page - Analog Devices ADXL345BCCZ-RL1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADXL345
Preliminary Technical Data
Rev. PrA | Page 10 of 24
CS
SCLK
SDI
SDO
R/W
MB
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[6]
D[7]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
tDELAY
tSCLK
tS
tM
tQUIET
tSETUP
tHOLD
tSDO
CS
SCLK
SDI
SDO
R/W
MB
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[6]
D[7]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
tDELAY
tSCLK
tS
tM
tQUIET
tSETUP
tHOLD
tSDO
Figure 7. SPI 4-wire Write Timing Diagram
Table 7. SPI Timing Specifications
(TA = 25°C, VS = 2.5V, VDD I/O = 1.8V)
Parameter Limit
Unit
Description
fSCLK
5 MHz max SPI clock frequency
tSCLK
200 ns min
1/(SPI clock frequency) Mark/space
ratio for the SCLK input is 40/60 to
60/40
tDELAY
200 ns min
falling edge to SCLK falling edge
tQUIET
200 ns min
SCLK rising edge to rising edge
tS
0.4 × tSCLK ns min
SCLK low pulse width (space)
tM
0.4 × tSCLK ns min
SCLK high pulse width (mark)
tSDO
8 ns max
SCLK falling edge to SDO transition
tSETUP
10 ns min
SDI valid before SCLK rising edge
tHOLD
10 ns min
SDI valid after SCLK rising edge
I2C
With CS tied high to VDD I/O, the ADXL345 is in I2C mode,
requiring a simple 2-wire connection as shown in Figure 8. The
ADXL345 conforms to The I2C Bus Specification, Version 2.1,
January 2000, available from Phillips Semiconductor. It
supports standard (100 kHz) and fast (400 kHz) data transfer
modes. Single or multiple byte read/writes are supported as
shown in Figure 9. With the SDO pin high the 7 bit I2C address
for the device is 0x1D, followed by the read/write bit. This
translates to 0x3A for write, 0x3B for read. An alternate I2C
address of 0x53 (followed by the read/write bit) may be chosen
by grounding the SDO pin (pin 12). This translates to 0xA6 for
write, 0xA7 for read.
Figure 8. I2C Connection Diagram (Address = 0x53)
If other devices are connected to the same I2C bus, the nominal
operating voltage level of these other devices cannot exceed
VDD I/O by more than 0.3 V. Pull-up resistors, RP, should be in the
range of 1k to 20kΩ.
Master
Start
Slave Address + Write
Register Address
Slave
Ack
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Slave
Ack
Ack
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Start
1
Stop
Slave
Ack
Ack
Master
Start
Slave Address + Write
Register Address
Start
1
NAck
Stop
Slave
Ack
Ack
1This Start is either a restart or a Stop followed by a Start
Data
Stop
Ack
Single Byte Write
Multi-Byte Write
Data
Data
Multi-Byte Read
Slave Address + Read
Slave Address + Read
Ack
Data
Data
Data
Stop
NAck
Ack
Single Byte Read
Figure 9. I2C Timing Diagram
ADXL345
PROCESSOR
CS
SDA/SDI/SDIO
D IN/OUT
SDO
SCL/SCLK
D OUT
RP
RP
VDD I/O
06238- 007
ADXL345
PROCESSOR
CS
SDA/SDI/SDIO
D IN/OUT
SDO
SCL/SCLK
D OUT
RP
RP
VDD I/O
06238- 007


同様の部品番号 - ADXL345BCCZ-RL1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

同様の説明 - ADXL345BCCZ-RL1

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com