データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C2051-12PU データシート(PDF) 14 Page - ATMEL Corporation

部品番号 AT89C2051-12PU
部品情報  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-12PU データシート(HTML) 14 Page - ATMEL Corporation

Back Button AT89C2051-12PU Datasheet HTML 10Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 11Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 12Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 15Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 16Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 17Page - ATMEL Corporation AT89C2051-12PU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
0368H–MICRO–6/08
AT89C2051
21. Shift Register Mode Timing Waveforms
22. AC Testing Input/Output Waveforms(1)
Note:
1. AC Inputs during testing are driven at VCC - 0.5V for a logic 1 and 0.45V for a logic 0. Timing measurements are made at VIH
min. for a logic 1 and V
IL max. for a logic 0.
23. Float Waveforms
(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when 100 mV change from the loaded VOH/VOL level occurs.


同様の部品番号 - AT89C2051-12PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT89C2051-12PU ATMEL-AT89C2051-12PU Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
More results

同様の説明 - AT89C2051-12PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com