データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2722 データシート(PDF) 10 Page - Micro Linear Corporation

部品番号 ML2722
部品情報  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-LINEAR [Micro Linear Corporation]
ホームページ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 データシート(HTML) 10 Page - Micro Linear Corporation

Back Button ML2722_05 Datasheet HTML 6Page - Micro Linear Corporation ML2722_05 Datasheet HTML 7Page - Micro Linear Corporation ML2722_05 Datasheet HTML 8Page - Micro Linear Corporation ML2722_05 Datasheet HTML 9Page - Micro Linear Corporation ML2722_05 Datasheet HTML 10Page - Micro Linear Corporation ML2722_05 Datasheet HTML 11Page - Micro Linear Corporation ML2722_05 Datasheet HTML 12Page - Micro Linear Corporation ML2722_05 Datasheet HTML 13Page - Micro Linear Corporation ML2722_05 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 10
MODE CONTROL AND INTERFACE LINES
1
XCEN
I (CMOS)
Enables the bandgap reference and
voltage regulators when high. With
XCEN low the device consumes only
leakage current in STANDBY mode
when low. XCEN low also preserves
register contents and allows register
writes. This is a CMOS input, and the
thresholds are referenced to VDD and
VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8
2
RXON
I (CMOS)
Switches the transceiver between
TRANSMIT and RECEIVE modes.
Circuits are powered up and signal paths
reconfigured according to the operating
mode. This is a CMOS input, and the
thresholds are referenced to VDD and
VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8
3
PAON
O (CMOS)
Enables the off-chip PA at the correct
times in a Transmit slot. Goes high when
transmit RF is present at TRFO; goes low
5μs before transmit RF is removed from
TRFO. Has interlock logic to shut down
the PA if the PLL does not lock.
31
VSS
VDD
3 PAON
8


同様の部品番号 - ML2722_05

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

同様の説明 - ML2722_05

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com