データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21009CMB825EP データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL21009CMB825EP
部品情報  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009CMB825EP データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL21009CMB825EP Datasheet HTML 6Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 7Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 8Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 9Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 10Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 11Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 12Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 13Page - Intersil Corporation ISL21009CMB825EP Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6744.0
December 15, 2008
Applications Information
FGA Technology
The ISL21009MEP voltage reference uses floating gate
technology to create references with very low drift and supply
current. Essentially the charge stored on a floating gate cell is
set precisely in manufacturing. The reference voltage output
itself is a buffered version of the floating gate voltage. The
resulting reference device has excellent characteristics, which
are unique in the industry: very low temperature drift, high
initial accuracy, and almost zero supply current. Also, the
reference voltage itself is not limited by voltage bandgaps or
zener settings, so a wide range of reference voltages can be
programmed (standard voltage settings are provided, but
customer-specific voltages are available).
The process used for these reference devices is a floating
gate CMOS process and the amplifier circuitry uses CMOS
transistors for amplifier and output transistor circuitry. While
providing excellent accuracy, there are limitations in output
noise level and load regulation due to the MOS device
characteristics. These limitations are addressed with circuit
techniques discussed in other sections.
Micropower Operation
The ISL21009MEP consumes extremely low supply current
due to the proprietary FGA technology. Low noise
performance is achieved using optimized biasing
techniques. Supply current is typically 95µA and noise is
4.5µVP-P benefitting precision, low noise portable
applications such as handheld meters and instruments.
Data Converters in particular can utilize the ISL21009MEP
as an external voltage reference. Low power DAC and ADC
circuits will realize maximum resolution with lowest noise.
FIGURE 41. VOUT NOISE, 0.1Hz TO 10Hz
FIGURE 42. LOAD TRANSIENT RESPONSE
FIGURE 43. LOAD TRANSIENT RESPONSE
Typical Performance Curves (ISL21009-50EP) (R
EXT = 100kΩ) (Continued)
GAIN IS x1000
NOISE IS 4.5µVP-P
-50µA
50µA
7mA
-7mA
ISL21009MEP


同様の部品番号 - ISL21009CMB825EP

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL21009CMB825EP RENESAS-ISL21009CMB825EP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results

同様の説明 - ISL21009CMB825EP

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com