データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12026 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL12026
部品情報  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026 データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL12026_08 Datasheet HTML 4Page - Intersil Corporation ISL12026_08 Datasheet HTML 5Page - Intersil Corporation ISL12026_08 Datasheet HTML 6Page - Intersil Corporation ISL12026_08 Datasheet HTML 7Page - Intersil Corporation ISL12026_08 Datasheet HTML 8Page - Intersil Corporation ISL12026_08 Datasheet HTML 9Page - Intersil Corporation ISL12026_08 Datasheet HTML 10Page - Intersil Corporation ISL12026_08 Datasheet HTML 11Page - Intersil Corporation ISL12026_08 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN8231.8
October 28, 2008
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL12026 to supply a timebase for the real
time clock. Internal compensation circuitry provides high
accuracy over the operating temperature range from
-40°C to +85°C. This oscillator compensation network can
be used to calibrate the crystal timing accuracy
over-temperature either during manufacturing or with an
external temperature sensor and microcontroller for active
compensation. X2 is intended to drive a crystal only, and
should not drive any external circuit.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of the second, minute, hour, day, date, month and year. The
RTC has leap-year correction. The clock also corrects for
months having fewer than 31 days and has a bit that controls
24 hour or AM/PM format. When the ISL12026 powers up
after the loss of both VDD and VBAT, the clock will not
operate until at least one byte is written to the clock register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and specifying
the address corresponding to the register of the Real Time
Clock. The RTC Registers can then be read in a Sequential
Read Mode. Since the clock runs continuously and a read
takes a finite amount of time, there is the possibility that the
clock could change during the course of a read operation. In
this device, the time is latched by the read command (falling
edge of the clock on the ACK bit prior to RTC data output) into
a separate latch to avoid time changes during the read
operation. The clock continues to run. Alarms occurring during
a read are unaffected by the read operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. RTC Register should be written ONLY with Page
Write. To avoid changing the current time by an incomplete
write operation, write to the all 8 bytes in one write operation.
When writing the RTC registers, the new time value is
loaded into a separate buffer at the falling edge of the clock
during the Acknowledge. This new RTC value is loaded into
the RTC Register by a stop bit at the end of a valid write
sequence. An invalid write operation aborts the time update
procedure and the contents of the buffer are discarded. After
a valid write operation, the RTC will reflect the newly loaded
data beginning with the next “one second” clock cycle after
the stop bit is written. The RTC continues to update the time
while an RTC register write is in progress and the RTC
continues to run during any non-volatile write sequences.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
accuracy of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
>20ppm frequency deviation translates into an accuracy of
>1 minute per month. These parameters are available from
the crystal manufacturer. Intersil’s RTC family provides
on-chip crystal compensation networks to adjust
load-capacitance to tune oscillator frequency from -34ppm to
+80ppm when using a 12.5pF load crystal. For more detailed
information, see “Application Section” on page 19.
Clock/Control Registers (CCR)
The Control/Clock Registers are located in an area separate
from the EEPROM array and are only accessible following a
slave byte of “1101111x” and reads or writes to addresses
[0000h:003Fh]. The clock/control memory map has memory
addresses from 0000h to 003Fh. The defined addresses are
described in the Table 1. Writing to and reading from the
undefined addresses are not recommended.
CCR Access
The contents of the CCR can be modified by performing a
byte or a page write operation directly to any address in the
CCR. Prior to writing to the CCR (except the status register),
however, the WEL and RWEL bits must be set using a three
step process (see “Writing to the Clock/Control Registers” on
page 12).
The CCR is divided into 5 sections. These are:
1. Alarm 0 (8 bytes; non-volatile)
2. Alarm 1 (8 bytes; non-volatile)
3. Control (5 bytes; non-volatile)
4. Real Time Clock (8 bytes; volatile)
5. Status (1 byte; volatile)
Each register is read and written through buffers. The
non-volatile portion (or the counter portion of the RTC) is
updated only if RWEL is set and only after a valid write
operation and stop bit. A sequential read or page write
operation provides access to the contents of only one section
of the CCR per operation. Access to another section requires
a new operation. A read or write can begin at any address in
the CCR.
It is not necessary to set the RWEL bit prior to writing the
status register. See “Status Register (SR)” on page 9.
supports a single byte read or write only. Continued reads or
writes from this section terminates the operation.
X1
X2
FIGURE 7. RECOMMENDED CRYSTAL CONNECTION
ISL12026, ISL12026A


同様の部品番号 - ISL12026_08

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12026A INTERSIL-ISL12026A Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026A INTERSIL-ISL12026A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12026A RENESAS-ISL12026A Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12026AIBZ INTERSIL-ISL12026AIBZ Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIBZ RENESAS-ISL12026AIBZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

同様の説明 - ISL12026_08

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com