データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12026AIVZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL12026AIVZ
部品情報  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026AIVZ データシート(HTML) 5 Page - Intersil Corporation

  ISL12026AIVZ Datasheet HTML 1Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 2Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 3Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 4Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 5Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 6Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 7Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 8Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN8231.8
October 28, 2008
Timing Diagrams
Bus Timing
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing 70%
of VDD, to SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO
STOP Condition Hold Time for
Read or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VDD, until SDA enters the 30% to
70% of VDD window.
0ns
Cpin
SDA and SCL Pin Capacitance
10
pF
13
tWC
Non-volatile Write Cycle Time
12
20
ms
10
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1xCb
300
ns
11, 13
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +0.1xCb
300
ns
11, 13
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
11, 13
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2k
Ω~2.5kΩ.
For Cb = 40pF, max is about
15k
Ω~20kΩ
1k
Ω
11, 13
NOTES:
3. IRQ/FOUT Inactive.
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz
5. VDD > VBAT +VBATHYS
6. Bit BSW = 0 (Standard Mode), ATR = 00h, VBAT ≥1.8V
7. Specified at +25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Parameter is not 100% tested.
10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
11. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
13. Limits should be considered typical and are not production tested.
AC Electrical Specifications
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:STO
ISL12026, ISL12026A


同様の部品番号 - ISL12026AIVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12026AIVZ INTERSIL-ISL12026AIVZ Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIVZ RENESAS-ISL12026AIVZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

同様の説明 - ISL12026AIVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com