データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12026 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL12026
部品情報  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026 データシート(HTML) 2 Page - Intersil Corporation

  ISL12026 Datasheet HTML 1Page - Intersil Corporation ISL12026 Datasheet HTML 2Page - Intersil Corporation ISL12026 Datasheet HTML 3Page - Intersil Corporation ISL12026 Datasheet HTML 4Page - Intersil Corporation ISL12026 Datasheet HTML 5Page - Intersil Corporation ISL12026 Datasheet HTML 6Page - Intersil Corporation ISL12026 Datasheet HTML 7Page - Intersil Corporation ISL12026 Datasheet HTML 8Page - Intersil Corporation ISL12026 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN8231.8
October 28, 2008
Block Diagram
Ordering Information
PART NUMBER
(Note)
PART
MARKING
VBAT TRIP POINT
(V)
BSW BIT DEFAULT
SETTING
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL12026IBZ*
12026 IBZ
VDD < VBAT
BSW = 1
-40 to +85
8 Ld SOIC
M8.15
ISL12026IVZ*
2026 IVZ
VDD < VBAT
BSW = 1
-40 to +85
8 Ld TSSOP
M8.173
ISL12026AIBZ*
12026A IBZ
2.2
BSW = 0
-40 to +85
8 Ld SOIC
M8.15
ISL12026AIVZ*
12026A IVZ
2.2
BSW = 0
-40 to +85
8 Ld TSSOP
M8.173
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X1
X2
OSCILLATOR
FREQUENCY
TIMER
LOGIC
DIVIDER
CALENDAR
8
CONTROL/
REGISTERS
1Hz
TIME
KEEPING
REGISTERS
ALARM REGS
COMPARE
CONTROL
DECODE
LOGIC
ALARM
(EEPROM)
(EEPROM)
SCL
SDA
SERIAL
INTERFACE
DECODER
4k
EEPROM
ARRAY
REGISTERS
STATUS
(SRAM)
SELECT
IRQ/FOUT
VDD
VBAT
32.768kHz
(SRAM)
BATTERY
CIRCUITRY
SWITCH
OSC
COMPENSATION
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
SOIC
TSSOP
1
3
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source (see “Application Section”
on page 19.)
2
4
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal (see “Application Section” on page 19.)
35
IRQ/FOUT
Interrupt Output/Frequency Output is a multi-functional pin that can be used as interrupt or frequency
output pin. The function is set via the control register. This output is an open drain configuration.
4
6
GND
Ground.
5
7
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open
drain output and may be wire OR’ed with other open drain or open collector outputs.
6
8
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device. The input buffer on
this pin is always active (not gated).
71
VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event
that the VDD supply fails. This pin should be tied to ground if not used.
82
VDD
Power Supply.
ISL12026, ISL12026A


同様の部品番号 - ISL12026

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12026 INTERSIL-ISL12026 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12026 INTERSIL-ISL12026 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

同様の説明 - ISL12026

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com