データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC03-6 データシート(PDF) 3 Page - Semtech Corporation

部品番号 LC03-6
部品情報  Low Capacitance TVS for High-Speed Data Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-6 データシート(HTML) 3 Page - Semtech Corporation

  LC03-6_08 Datasheet HTML 1Page - Semtech Corporation LC03-6_08 Datasheet HTML 2Page - Semtech Corporation LC03-6_08 Datasheet HTML 3Page - Semtech Corporation LC03-6_08 Datasheet HTML 4Page - Semtech Corporation LC03-6_08 Datasheet HTML 5Page - Semtech Corporation LC03-6_08 Datasheet HTML 6Page - Semtech Corporation LC03-6_08 Datasheet HTML 7Page - Semtech Corporation LC03-6_08 Datasheet HTML 8Page - Semtech Corporation LC03-6_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC03-6
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Tim e (µs)
e-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
Pulse Waveform
Normalized Capacitance vs. Reverse Voltage
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
Ambient Temperature - TA (
oC)
0
2
4
6
8
10
12
14
16
18
20
0
1 02 0
3 04 05 06 0
7 0
8 0
9 0
1 0 0
1 1 0
P e ak P u lse C u r ren t - IPP (A)
L ine-T o-Lin e
Lin e -T o-G rou n d
Wav eform
P aram eters :
tr = 8 µ s
td = 2 0 µ s
0.1
1
10
100
0.1
1
10
100
1000
Pulse Duration - tp (µs)
Forward Voltage vs. Forward Current
0
1
2
3
4
5
6
0
1 0
2 03 0
4 05 06 07 08 09 0
1 0 0
1 1 0
F o rw a r d C u rre n t - IF (A )
Wav eform
P aram eters :
tr = 8 µ s
td = 2 0 µ s
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
123
456
Reverse Voltage - VR (V)
f = 1MHz


同様の部品番号 - LC03-6_08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
54Kb / 6P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
January, 2004 ??Rev. 3
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
LC03-6R2G ONSEMI-LC03-6R2G Datasheet
85Kb / 5P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
June, 2007 - Rev. 4
logo
Semtech Corporation
LC03-6TB SEMTECH-LC03-6TB Datasheet
237Kb / 9P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
LC03-6TB SEMTECH-LC03-6TB Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
More results

同様の説明 - LC03-6_08

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Littelfuse
SP03-3.3BTG LITTELFUSE-SP03-3.3BTG Datasheet
318Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
logo
Shanghai Leiditech Elec...
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com