データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U127.010A02G データシート(PDF) 1 Page - Baumer IVO GmbH & Co. KG

部品番号 U127.010A02G
部品情報  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IVO [Baumer IVO GmbH & Co. KG]
ホームページ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

U127.010A02G データシート(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  U127.010A02G Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG U127.010A02G Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG U127.010A02G Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG U127.010A02G Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Totalizers mechanic
1
www.baumerivo.com
www.baumerivo.com
H 127 - Stroke counter
Features
Stroke, piece and revolution counters
Adding
Display 4- or 5-digits
Manual reset by knurled knob
H 127, T 127, U 127
Technical data - mechanical design
Display
White numbers on black
Digit height
4.5 mm
Reset
Reset by knurled knob
Operating temperature
0...+60 °C
Housing type
Surface mount housing with
mounting plate
Housing colour
Grey
Dimensions W x H x L
40 x 29 x 27.5 mm
Dimensions mounting plate 40 x 46 mm
Mounting
Base plate, 2 long mounting
holes
Weight approx.
90 g
Materials
Housing: Hostaform POM, grey
Base blate: Steel zinc-coated
Stroke, piece and revolution counters
Display 4- or 5-digits, reset button
T 127 - Piece counter with lever
U 127 - Revolution counter


同様の部品番号 - U127.010A02G

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1270 KEYSIGHT-U1270 Datasheet
4Mb / 22P
   Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U127.010A02G

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H410 IVO-H410 Datasheet
512Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com