データシートサーチシステム |
|
NE210 データシート(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
NE210 データシート(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 2 page www.baumerivo.com www.baumerivo.com Preset counters electronic www.baumerivo.com 2 NE210 Part number NE210.0 AXA1 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 24 VDC Outputs 1 Relay output 2 Relay, signal output PNP 3 Relay, signal output NPN 4 Without relay, signal output PNP 1 preset, timer programmable Display LED, 5-digits, programmable Optocoupler inputs Input circuit Control inputs PNP- / NPN-logic Count input Trigger current 9...16 mA Switch-off current <0.5 mA Input resistance 1.65 kΩ Reset input Trigger current 5...8 mA Switch-off current <0.5 mA Input resistance 3.3 kΩ Relay output Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit PNP-switching transistor Open collector Switching voltage 24 VDC ±20% Switching current max. 10 mA (AC) 50 mA (DC) NPN-switching transistor Open collector Switching voltage max. 35 V Switching current max. 50 mA Trigger level Voltage supply Signal input Reset A 90°B Main counter with 1 preset start count scaling factor Timer Time relay Relay output electr. output Coding for input logic NPN Br. 11-13 PNP Br. 11-12 A B 2 3 4 5 6 7 8 9 10 11 12 13 Sensor supply + - + - Block circuit diagram Dimensions 7 1-6 108 18.5 60.8 48 +24V 0V terminal - terminal /- terminal max. 265 V A B Count End contact 13 12 11 10 987 4321 5 6 Connection diagram Accessories Adaptor plates (page %S) Z 118.033 Adaptor plate for screw mount, face 60 x 75 mm Z 118.034 Adaptor plate for clip mount, face 53.2 x 53.2 mm Z 118.035 Adaptor plate for clip mount, face 60 x 75 mm |
同様の部品番号 - NE210 |
|
同様の説明 - NE210 |