データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA202.301AXA1 データシート(PDF) 1 Page - Baumer IVO GmbH & Co. KG

部品番号 TA202.301AXA1
部品情報  Tachometer electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IVO [Baumer IVO GmbH & Co. KG]
ホームページ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA202.301AXA1 データシート(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  TA202.301AXA1 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA202.301AXA1 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG TA202.301AXA1 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG TA202.301AXA1 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Tachometer electronic
1
www.baumerivo.com
www.baumerivo.com
TA202 - LED-Tachometer
Features
Tachometer for 2 rotation speeds/velocities
Display 6-digits
Connection: Two one-channel digital sensors or
potential-free contact
Two limits
Ratio display, peak value memory
Impulse evaluation programmable
Input F1 with phase evaluation
Interface RS232, RS422 or RS485
TA202
Ratio display, 2 limits, analogue output
Large 14 mm display LED, 6-digits, programmable
Technical data - electrical ratings
Voltage supply
115/230 VAC ±10 % (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
24 VDC ±10 %
Power consumption
7 VA, 5 W
Sensor supply
12...26 VDC / max. 100 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Unit displayed
1/s, 1/min, 1/h programmable
Function
Tachometer, ratio display
Measuring principle
Period duration measurement
Calculating functions
Difference F1-F2
Ratio F1:F2
Stretch-/shrinking (F2-F1):F1
Flow
Pulse rate measurement
Signal inputs
Comparator inputs
Input logic
NPN / PNP
Control inputs
2 Inputs
Control functions
Start, Stop
Counting frequency
F1: 10 kHz / F2: 25 Hz, 40 kHz
Scaling factor
0.0001...9999.99
Data memory
>10 years in EEPROM
Outputs electronic
Optocoupler
Analogue output
2 analogue outputs
0(2)...10 V, 0(4)...20 mA
Resolution 12 bit
Temp. coeffic. typ. ±20 ppm/°C
Outputs relay
Potential-free change-over
contact
Interfaces
RS232, RS422, RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Housing for control panel
installation
Dimensions W x H x L
96 x 48 x 124 mm
Cutout dimensions
97 x 45 mm (+0.6)
Installation depth
123.75 mm
Mounting
Front panel installation by clip
frame
Weight approx.
350 g (AC), 250 g (DC)
Material
Housing: Makrolon 6485 (PC)
Two limits „P1“/„P2“ that can be assigned at will enable
monitoring of production processes. Two tachos to capture
and display rotation speed and velocity as “F1” and “F2”.
“F3” allows recall and display of a programmed calculating
function, for example ratio, difference, stretching/shrinking,
flow, time elapsed with start and stop signal, impulse rate
measurement, period or impulse duration.
Description
Technical data - electrical ratings
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Assignment F1, F2 or F3
Calculating functions
2 limits, analogue output
Slave pointer
Approvals
UL/cUL, CE conform


同様の部品番号 - TA202.301AXA1

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
logo
Powerex Power Semicondu...
TA202016 POWEREX-TA202016 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202018 POWEREX-TA202018 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2020A TAI-SAW-TA2020A Datasheet
219Kb / 6P
   SAW Filter 1575 MHz
logo
Beijing Yaohuadechang E...
TA2020FL-100 YHDC-TA2020FL-100 Datasheet
617Kb / 1P
   Electronic power general current transformer
More results

同様の説明 - TA202.301AXA1

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com