データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA202.221AXA1 データシート(PDF) 2 Page - Baumer IVO GmbH & Co. KG

部品番号 TA202.221AXA1
部品情報  Tachometer electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IVO [Baumer IVO GmbH & Co. KG]
ホームページ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA202.221AXA1 データシート(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  TA202.221AXA1 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA202.221AXA1 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG TA202.221AXA1 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG TA202.221AXA1 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Tachometer electronic
www.baumerivo.com
2
TA202
Ratio display, 2 limits, analogue output
Large 14 mm display LED, 6-digits, programmable
Comparator inputs
Input circuit
Inputs
PNP- / NPN-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Electronical outputs
Output circuit
Optocoupler short-circuit proof
Switching voltage max.
40 V
Switching current max.
15 mA
Residual voltage
<1 V
Trigger level
F1 A
F1 B
F2
Start
Voltage
supply
Stop
A 90° B
Measuring value F1
Measuring value F2
Measuring value F3
Ratio F1 : F2
Difference F1 – F2
Stretching
Shrinking
Run time (measuring
value 1 not active)
Time (measuring
value 2 not active)
P1
Output
P1
Analog
output
0(2)-10 V
0(4)-20 mA
Measuring value
F1 / F2 / F3
T,R-
T,R+
Limit 1
Limit 2
Interface
RS422
Analog output
Measuring value
F1 / F2 / F3
Interface
RS485
P2
P2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
30
27
28
29
+
-
Interface
RS232
16
18
19
TxD+
TxD-
RxD+
RxD-
TxD
RxD
GND
Sensor
supply
+
-
Block circuit diagram
Br.
RU
RI
RS422
max. 250 V
terminal - terminal /
- terminal
Limit value
Signal
Sensor
supply
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
15 14 13 12 11 10
98
76
54
32
1
(-)
(+)
RS485
RS232
Limit value
21
21
Connection diagram


同様の部品番号 - TA202.221AXA1

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
logo
Powerex Power Semicondu...
TA202016 POWEREX-TA202016 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202018 POWEREX-TA202018 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2020A TAI-SAW-TA2020A Datasheet
219Kb / 6P
   SAW Filter 1575 MHz
logo
Beijing Yaohuadechang E...
TA2020FL-100 YHDC-TA2020FL-100 Datasheet
617Kb / 1P
   Electronic power general current transformer
More results

同様の説明 - TA202.221AXA1

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com