データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA235 データシート(PDF) 1 Page - Rohm

部品番号 BA235
部品情報  CR timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA235 データシート(HTML) 1 Page - Rohm

  BA235 Datasheet HTML 1Page - Rohm BA235 Datasheet HTML 2Page - Rohm BA235 Datasheet HTML 3Page - Rohm BA235 Datasheet HTML 4Page - Rohm BA235 Datasheet HTML 5Page - Rohm BA235 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Standard ICs
CR timer
BA225 / BA225F / BA235 / BA226 / BA226F / BA236
The BA225, BA225F, BA235, BA226, BA226F, and BA236 are monolithic ICs having independent monostable multi-
vibrator circuits which consume very low current (0.75mA typ.). Using external resistors and capacitors, the timing
control time can be set within a range from 0.01ms to 100ms.
As the BA225, BA225F, and BA235 are triggered at the rising edge of the signal, they have no trigger input differenti-
ating circuit and can be used in measuring instruments, control devices, digital data systems and other equipment as
sub-compact attachments. The BA226, BA226F, and BA236 are available as falling edge trigger types.
Block diagram
OUT1
CR1
TRIGGER1
4
GND
3
2
1
5
6
7
8
VCC
OUT2
CR2
TRIGGER2
O
T
CR
O
T
CR
1
OT
CR
VCC
VCC
GND
2
3
4
5
6
7
8
9
O
T
CR
BA225 / BA225F
BA226 / BA226F
BA235 / BA236
Applications
Delay timers
Monostable multivibrator (ideal for VCR system con-
trollers)
Pulse generators
Features
1) As these are edge trigger types (BA225 / BA235: ris-
ing edge trigger types, BA226 / BA236: falling edge
trigger types), there is no need for an input differenti-
ating circuit.
2) The dual type design enables delay timer configura-
tion.
3) Fewer attachments are required.
4) Current dissipation is as low as 0.75mA for each cir-
cuit.
5) Uniformity in the supply current between high and
low output states simplifies the design of the power
supply section.
6) Wide operating power supply voltage range of 4.0V
to 16V.
7) The BA235 and BA236 pin assignments are sym-
metrical, allowing reverse insertion.
8) Hysteresis in the input results in a high level of noise
withstand resistance.


同様の部品番号 - BA235

メーカー部品番号データシート部品情報
logo
Edal Industries, Inc.
BA232 EDAL-BA232 Datasheet
93Kb / 1P
   Silicon Bridge Rectifier
BA232-10 EDAL-BA232-10 Datasheet
93Kb / 1P
   Silicon Bridge Rectifier
BA232-100 EDAL-BA232-100 Datasheet
93Kb / 1P
   Silicon Bridge Rectifier
BA232-120 EDAL-BA232-120 Datasheet
93Kb / 1P
   Silicon Bridge Rectifier
BA232-20 EDAL-BA232-20 Datasheet
93Kb / 1P
   Silicon Bridge Rectifier
More results

同様の説明 - BA235

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
   CR-SURGE ABSORBER
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com