データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA226 データシート(PDF) 2 Page - Rohm

部品番号 BA226
部品情報  CR timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA226 データシート(HTML) 2 Page - Rohm

  BA226 Datasheet HTML 1Page - Rohm BA226 Datasheet HTML 2Page - Rohm BA226 Datasheet HTML 3Page - Rohm BA226 Datasheet HTML 4Page - Rohm BA226 Datasheet HTML 5Page - Rohm BA226 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard ICs
BA225 / BA225F / BA235 / BA226 / BA226F / BA236
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
16
V
Power
dissipation
BA225 / BA226
BA235 / BA236
BA225F / BA226F
Pd
8001
9502
4503
mW
mW
mW
Operating temperature
Topr
°C
– 20 ~ + 75
Storage temperature
Tstg
°C
– 55 ~ + 125
1 Reduced by 8mW for each increase in Ta of 1°C over 25°C.
2 Reduced by 9.5mW for each increase in Ta of 1°C over 25°C.
3 Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
BA236
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Operating power supply voltage
4.0
5.0
16.0
V
Fig.7
Quiescent current
IQ
1.5
3.0
mA
Fig.7
Timing accuracy
TERR
10
%
Fig.7
Timing change with power supply
TDS
0.5
3.0
%
5V¨16V
Fig.7
Timing change with temperature
TOT
200
Fig.7
Trigger voltage
VT
1.0
2.0
3.0
V
2
Fig.7
0.7
1.6
2.5
Trigger current
IT
70
200
µA
Fig.7
Output low level voltage
VOL
0.5
1.0
V
Fig.7
Output high level voltage
VOH
3.0
4.0
V
Fig.7
VCC
1
R = 100k
Ω, C = 0.1µF1
VT = 3.0V (BA225 / BA235)
VT = 2.5V (BA226 / BA226F / BA236)
ppm /
°C
1 One-shot cycle T = 0.5 CR
2 With input hysteresis (hysteresis width 200 to 600mV)
ISINK = 5mA
ISOURCE = 5mA
Electrical characteristic curves
4
3
"H" output
"L" output
2
1
0
POWER SUPPLY VOLTAGE: VCC (V)
04
12
820
16
Fig. 1 Quiescent current vs. power
supply voltage
2.0
1.0
0
SINK CURRENT: ISINK (mA)
04
12
820
16
VCC = 5V
Fig. 3 Output voltage (logic 0
side) characteristics
3.2
2.4
VCC = 5V
1.6
0.8
2.8
2.0
1.2
0.4
0
SOURCE CURRENT: ISOURCE (mA)
04
12
820
16
Fig. 2 Output voltage (logic 1
side) characteristics


同様の部品番号 - BA226

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
More results

同様の説明 - BA226

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
   CR-SURGE ABSORBER
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com